Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS4222IRGCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4222IRGCR
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4222IRGCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS4222IRGCR Datasheet HTML 5Page - Texas Instruments ADS4222IRGCR Datasheet HTML 6Page - Texas Instruments ADS4222IRGCR Datasheet HTML 7Page - Texas Instruments ADS4222IRGCR Datasheet HTML 8Page - Texas Instruments ADS4222IRGCR Datasheet HTML 9Page - Texas Instruments ADS4222IRGCR Datasheet HTML 10Page - Texas Instruments ADS4222IRGCR Datasheet HTML 11Page - Texas Instruments ADS4222IRGCR Datasheet HTML 12Page - Texas Instruments ADS4222IRGCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25
°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, and –1dBFS differential analog input,
unless otherwise noted. Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C,
AVDD = 1.8V, and DRVDD = 1.8V.
ADS4246/ADS4226 (160MSPS)
ADS4245/ADS4225 (125MSPS)
ADS4242/ADS4222 (65MSPS)
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range (0dB gain)
2
2
2
VPP
Differential input resistance (at 200MHz)
0.75
0.75
0.75
k
Ω
Differential input capacitance (at 200MHz)
3.7
3.7
3.7
pF
Analog input bandwidth
550
550
550
MHz
(with 50
Ω source impedance, and 50Ω termination)
Analog input common-mode current
1.5
1.5
1.5
µA/MSPS
(per input pin of each channel)
Common-mode output voltage
VCM
0.95
0.95
0.95
V
VCM output current capability
4
4
4
mA
DC ACCURACY
Offset error
–15
2.5
15
–15
2.5
15
–15
2.5
15
mV
Temperature coefficient of offset error
0.003
0.003
0.003
mV/
°C
Gain error as a result of internal
EGREF
–2
2
–2
2
–2
2
%FS
reference inaccuracy alone
Gain error of channel alone
EGCHAN
±0.1
–1
±0.1
±0.1
–1
%FS
Temperature coefficient of EGCHAN
0.002
0.002
0.002
Δ%/°C
POWER SUPPLY
IAVDD
123
150
105
130
73
85
mA
Analog supply current
IDRVDD
Output buffer supply current
111
135
99
120
78
95
mA
LVDS interface, 350mV swing with 100
Ω external
termination, fIN = 2.5MHz
IDRVDD
Output buffer supply current
61
49
28
mA
CMOS interface, no load capacitance
(1)
fIN = 2.5MHz
Analog power
222
189
133
mW
Digital power
LVDS interface, 350mV swing with 100
Ω external
199
179
131
mW
termination, fIN = 2.5MHz
Digital power
CMOS interface, no load capacitance
(1)
109
88
50
mW
fIN = 2.5MHz
Global power-down
25
25
25
mW
(1)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Similar Part No. - ADS4222IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4222IRGCR TI1-ADS4222IRGCR Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
More results

Similar Description - ADS4222IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com