Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC80PWR Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC80PWR
Description  System Hardware Monitor with Two-Wire/SMBus Serial Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC80PWR Datasheet(HTML) 3 Page - Texas Instruments

  AMC80PWR Datasheet HTML 1Page - Texas Instruments AMC80PWR Datasheet HTML 2Page - Texas Instruments AMC80PWR Datasheet HTML 3Page - Texas Instruments AMC80PWR Datasheet HTML 4Page - Texas Instruments AMC80PWR Datasheet HTML 5Page - Texas Instruments AMC80PWR Datasheet HTML 6Page - Texas Instruments AMC80PWR Datasheet HTML 7Page - Texas Instruments AMC80PWR Datasheet HTML 8Page - Texas Instruments AMC80PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AMC80
www.ti.com
SBOS559
– MAY 2011
ELECTRICAL CHARACTERISTICS
At TA –40°C to +125°C and V+ = 3 V to 5.5 V, unless otherwise noted.
AMC80
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
VIH
Input high voltage
2
V
VIL
Input low voltage
0.8
V
V+ = 3.3 V
0.23
V
VHYS
Hysteresis voltage
V+ = 5 V
0.33
V
VIH = V+, all pins except BTI
–1
–0.005
µA
IIH
Input high current
VIH = V+, BTI pin
–10
–1
µA
VIL = 0 V, all pins except BTI
0.005
1
µA
IIL
Input low current
VIL = 0 V, V+ = 5.5 V, BTI pin
2
mA
CIN
Input capacitance
20
pF
ANALOG INPUTS
Default
0
2.56
V
VIN
Input voltage range
Programmable
0
V+
V
IL-ON
Input leakage current (on)
±0.005
µA
IL-OFF
Input leakage current (off)
±0.005
µA
RIN
Input resistance
2
10
k
Ω
DIGITAL OUTPUTS (A0/NTEST_OUT, INT)
VOH
Output high voltage
IOUT = 3 mA/5 mA, V+ = 3 V/4.5 V
2.4
V
VOL
Output low voltage
IOUT = 3 mA/5 mA, V+ = 3 V/4.5 V
0.4
V
DIGITAL OPEN-DRAIN OUTPUTS (GPO, RST_OUT/OS, GPI/CI, SDA)
IOUT = 3 mA/5 mA, V+ = 3 V/4.5 V,
0.4
V
all pins except SDA
VOL
Output low voltage
IOUT = 4 mA, V+ = 3 V, SDA pin
0.4
V
IOH
Output high current
VOUT = V+
0.005
1
µA
PW
Pulse duration
RST_OUT/OS, GPI/CI
10
22.5
ms
TEMPERATURE ERROR
TA = –40°C to +125°C
±3
°C
TE
Temperature error
TA = –25°C to +100°C
±2
°C
TR
Temperature resolution
0.0625
°C
ANALOG-TO-DIGITAL CONVERTER
VIN = 2.56 V
2.5
mV
VR
Resolution
VIN = V+
6
mV
DNL
Differential linearity
–1
1
LSB(1)
ADCERR
Total unadjusted error(2)
–1
1
%
PSRR
Power supply rejection ratio
±0.0008
%
tC
(3)
Total conversion time
662
728
810
ms
(1)
LSB means least significant bit.
(2)
Total unadjusted error contains offset, gain, and linearity errors of the ADC.
(3)
Total conversion time contains the temperature conversion, the seven analog input voltage conversions, and the two tachometer
readings.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AMC80


Similar Part No. - AMC80PWR

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
AMC8213DW ADDTEK-AMC8213DW Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
AMC8213DWF ADDTEK-AMC8213DWF Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
AMC8213N ADDTEK-AMC8213N Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
AMC8213NF ADDTEK-AMC8213NF Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
More results

Similar Description - AMC80PWR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
   System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
[Old version datasheet]   LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
   Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM87 NSC-LM87 Datasheet
470Kb / 32P
   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM87 TI1-LM87 Datasheet
1Mb / 43P
[Old version datasheet]   Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com