Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4SB100 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # D4SB100
Description  Molding Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

D4SB100 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  D4SB100 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH D4SB100 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D4SB10 ~ D4SB100
100 V ~ 1000 V
6.0 Amp High Current Glass Passivated
Molding Single-Phase Bridge Rectifier
Elektronische Bauelemente
05-Aug-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Plastic Package has Underwriters
Laboratory Flammability Classification 94V-0
This Series is UL listed under the Recognized Component index,
file number E231047
Single-in-line package
High current capacity with small package
Superior thermal conductivity
High temperature soldering guaranted:
260°C / 10 seconds
High IFSM
MAXIMUM RATINGS (TA=25℃ unless otherwise noted)
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
D4SB
10
D4SB
20
D4SB
40
D4SB
60
D4SB
80
D4SB
100
Maximum repetitive voltage
VRM
100
200
400
600
800
1000
V
Maximum DC reverse current at
rated DC blocking voltage
@TA=25°C
IR
10
A
@TA=125°C
500
Average rectified forward
current 60Hz Sine wave
Resistance load
@TC=100°C
IO
6
(1)
A
@TA=25°C
2.8
(2)
Peak Forward Surge Current 10ms single half
sine-wave superimposed on rated load
IFSM
150
A
Maximum Instantaneous
Forward Voltage @ 3.0A
VF
1.1
V
Dielectric strength terminals to case,
AC 1 minute Current 1mA
Vdia
2.5
KV
Maximum thermal
Resistance per leg
on P.C.B without heat-sink
RθJA
22
(2)
°C / W
on AI plate heat-sink
RθJC
3.4
(1)
Operating and Storage Temperature Range
TJ , TSTG
150 , -40 ~ 150
°C
Notes:
(1) Unit case mounted on AI plate heat-sink
(2) Unites mounted on P.C.B. without heat-sink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat
transfer with #6 screw {heat-sink size:6.5 * 4.0 * 0.3cm}
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
24.7
25.3
K
2.50
2.90
B
14.7
15.3
L
7.30
7.70
C
4.58
4.62
N
3 X 45°
D
17.0
18.0
P
0.90
1.10
E
0.50
0.90
Q
1.50 REF.
G
4.50 REF.
R
3.00
3.40
J
3.50
3.90
S
0.8
1.2
F
9.3
9.7
H
3.0
4.0
D3-4SB
G
Q
L
L
L
N
R
P
B
J
C
K
E
D
A
S
F
H


Similar Part No. - D4SB100

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D4SB100 LRC-D4SB100 Datasheet
74Kb / 1P
   Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified.
D4SB100 LRC-D4SB100 Datasheet
235Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
SUNMATE electronic Co.,...
D4SB100 SUNMATE-D4SB100 Datasheet
813Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - D4SB100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D5SB10 SECOS-D5SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU15B SECOS-GBU15B Datasheet
373Kb / 2P
   Molding Single-Phase Bridge Rectifier
D20SB10 SECOS-D20SB10 Datasheet
398Kb / 2P
   Molding Single-Phase Bridge Rectifier
D3SB10 SECOS-D3SB10 Datasheet
478Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU6A SECOS-GBU6A Datasheet
201Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU10B SECOS-GBU10B Datasheet
330Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU25005 SECOS-GBU25005 Datasheet
273Kb / 2P
   Molding Single-Phase Bridge Rectifier
D10SB10 SECOS-D10SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBPC3501 SECOS-GBPC3501 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
D15SB10 SECOS-D15SB10 Datasheet
516Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com