Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS4222 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4222
Description  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4222 Datasheet(HTML) 1 Page - Texas Instruments

  ADS4222 Datasheet HTML 1Page - Texas Instruments ADS4222 Datasheet HTML 2Page - Texas Instruments ADS4222 Datasheet HTML 3Page - Texas Instruments ADS4222 Datasheet HTML 4Page - Texas Instruments ADS4222 Datasheet HTML 5Page - Texas Instruments ADS4222 Datasheet HTML 6Page - Texas Instruments ADS4222 Datasheet HTML 7Page - Texas Instruments ADS4222 Datasheet HTML 8Page - Texas Instruments ADS4222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Check for Samples: ADS4222, ADS4225, ADS4226, ADS4242, ADS4245, ADS4246
1
FEATURES
APPLICATIONS
23
Ultralow Power with Single 1.8V Supply,
Wireless Communications Infrastructure
CMOS Output:
Software Defined Radio
– 183mW total power at 65MSPS
Power Amplifier Linearization
– 277mW total power at 125MSPS
– 332mW total power at 160MSPS
DESCRIPTION
High Dynamic Performance:
The ADS424x/422x are low-speed variants of the
ADS42xx
ultralow-power
family
of
dual-channel,
– 88dBc SFDR at 170MHz
14-bit/12-bit
analog-to-digital
converters
(ADCs).
– 71.4dBFS SNR at 170MHz
Innovative design techniques are used to achieve
Crosstalk:
> 90dB at 185MHz
high-dynamic
performance,
while
consuming
Programmable Gain up to 6dB for
extremely low power with 1.8V supply. This topology
SNR/SFDR Trade-off
makes the ADS424x/422x well-suited for multi-carrier,
DC Offset Correction
wide-bandwidth communications applications.
Output Interface Options:
The ADS424x/422x have gain options that can be
– 1.8V parallel CMOS interface
used
to
improve
SFDR
performance
at
lower
full-scale input ranges. These devices include a dc
– Double data rate (DDR) LVDS with
offset correction loop that can be used to cancel the
programmable swing:
ADC offset. Both DDR (double data rate) LVDS and
– Standard swing: 350mV
parallel CMOS digital output interfaces are available
– Low swing: 200mV
in a compact QFN-64 PowerPAD
™ package.
Supports Low Input Clock Amplitude
The devices include internal references while the
Down to 200mVPP
traditional reference pins and associated decoupling
Package: QFN-64 (9mm
× 9mm)
capacitors have been eliminated. All devices are
specified
over
the
industrial
temperature
range
(
–40°C to +85°C).
ADS424x/422x FAMILY COMPARISON(1)
250MSPS
160MSPS
125MSPS
65MSPS
ADS424x
ADS4249
ADS4246
ADS4245
ADS4242
14-bit family
ADS422x
ADS4229
ADS4226
ADS4225
ADS4222
12-bit family
(1)
See for details on migrating from the ADS62P49 family.
PERFORMANCE SUMMARY
ADS4246
ADS4245
ADS4242
ADS4226
ADS4225
ADS4222
SFDR (dBc), fIN = 20MHz
86
88
91
86
88
91
SFDR (dBc), fIN = 170MHz
82
88
85
82
88
85
SNR (dBFS), fIN = 20MHz
72.8
73.4
73.6
70.5
70.8
70.9
SNR (dBFS), fIN = 170MHz
70.4
71.4
71.2
69.5
69.9
69.9
Total power (mW/channel)
166
138
91
166
138
91
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS4222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4222 TI-ADS4222 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4222 TI1-ADS4222 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222IRGCR TI1-ADS4222IRGCR Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
More results

Similar Description - ADS4222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com