Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3823UB Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3823UB
Description  N-CHANNEL J-FET DEPLETION MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3823UB Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3823UB Datasheet HTML 1Page - Microsemi Corporation 2N3823UB Datasheet HTML 2Page - Microsemi Corporation 2N3823UB Datasheet HTML 3Page - Microsemi Corporation 2N3823UB Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0005 Rev. 2 (101425)
Page 3 of 4
PACKAGE DIMENSIONS
NOTE:
* 1 Dimensions are in inches. Millimeters are given for general information only.
2
Measured in the zone beyond .250 (6.35 mm) from the seating plane.
3
Measured in the zone .050 (1.27 mm) and .250 (6.35 mm) from the seating plane.
4
When measured in a gauging plane .054 +.001, -.000 (1.37 +.3, -.00 mm) before the seating plane of the transistor,
maximum diameter leads shall be within .007 (.18 mm) of their true location relative to a maximum width tab. Smaller
diameter leads shall fall within the outline of the maximum diameter lead tolerance.
5
The active elements are electrically insulated from the case.
6
All 4 leads.
7
Lead 1 is the source, lead 2 is the drain, lead 3 is the gate, and lead 4 is the case.
8
Symbol TL is measured from HD maximum.
9
In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
*FIGURE 1 Physical dimensions (similar to TO-72)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.178
.195
4.52
4.95
CH
.170
.210
4.32
5.33
HD
.209
.230
5.31
5.84
L1
.050
1.27
L2
.250
6.35
LC
.100 TP
2.54 TP
LD
.016
.021
0.41
0.53
2, 6
LL
.500
.750
12.70 19.05
6
LU
.016
.019
0.41
0.48
3, 6
Q
.040
1.02
r
.007
0.18
TL
.028
.048
0.71
1.22
8
TW
.036
.046
0.91
1.17
α
45° TP


Similar Part No. - 2N3823UB

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3823 MICRO-ELECTRONICS-2N3823 Datasheet
237Kb / 2P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Microsemi Corporation
2N3823 MICROSEMI-2N3823 Datasheet
54Kb / 2P
   TECHNICAL DATA
logo
List of Unclassifed Man...
2N3823 ETC1-2N3823 Datasheet
43Kb / 1P
   N-Channel JFETs
logo
Intersil Corporation
2N3823 INTERSIL-2N3823 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N3823 NJSEMI-2N3823 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
More results

Similar Description - 2N3823UB

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
   N-Channel Depletion Mode FET
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
   N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
   N Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
   N-Channel Depletion Mode FET
logo
Clare, Inc.
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
   N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
   N Channel Depletion Mode FET
CPC3720 CLARE-CPC3720 Datasheet
111Kb / 5P
   N-Channel Depletion-Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
   N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5603 IXYS-CPC5603 Datasheet
112Kb / 5P
   N-Channel Depletion Mode FET
logo
Clare, Inc.
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
   N-Channel Depletion-Mode FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com