Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5811 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 1N5811
Description  VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5811 Datasheet(HTML) 4 Page - Microsemi Corporation

  1N5811 Datasheet HTML 1Page - Microsemi Corporation 1N5811 Datasheet HTML 2Page - Microsemi Corporation 1N5811 Datasheet HTML 3Page - Microsemi Corporation 1N5811 Datasheet HTML 4Page - Microsemi Corporation 1N5811 Datasheet HTML 5Page - Microsemi Corporation 1N5811 Datasheet HTML 6Page - Microsemi Corporation 1N5811 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Bussiness Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0168 Rev. 1 (101025)
Page 4 of 7
GRAPHS
FIGURE 1
TYPICAL FORWARD CURRENT vs. FORWARD VOLTAGE
FIGURE 2
TYPICAL REVERSE CURRENT vs. VOLTAGE
FIGURE 3
OUTPUT CURRENT vs LEAD TEMPERATURE
FIGURE 4
FORWARD PULSE CURRENT vs. DURATION


Similar Part No. - 1N5811

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5811 MICROSEMI-1N5811 Datasheet
59Kb / 2P
   ULTRA FAST RECTIFIERS
logo
M/A-COM Technology Solu...
1N5811 MA-COM-1N5811 Datasheet
626Kb / 4P
   Popular JEDEC Registered Series
logo
Microsemi Corporation
1N5811 MICROSEMI-1N5811 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Sensitron
1N5811 SENSITRON-1N5811 Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5811 SEMTECH-1N5811 Datasheet
200Kb / 3P
   RECTIFIER, up to 150V, 6A, 30ns
More results

Similar Description - 1N5811

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5802 MICROSEMI-1N5802_07 Datasheet
151Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5807CB MICROSEMI-1N5807CB Datasheet
215Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
JANS1N5811US MICROSEMI-JANS1N5811US Datasheet
131Kb / 7P
   VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com