Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5712 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5712
Description  SCHOTTKY BARRIER DIODES LEADLESS PACKAGE FOR SURFACE MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5712 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5712 Datasheet HTML 1Page - Microsemi Corporation 1N5712 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
SCHOTTKY BARRIER DIODES
LEADLESS PACKAGE FOR SURFACE MOUNT
Qualified per MIL-PRF-19500/444
T4-LDS-0174 Rev. 2 (110311)
Page 1 of 2
DEVICES
QUALIFIED LEVELS
JAN
JANTX
JANTXV
JANS
1N5711UB
1N5711UBCA
1N5711UBCC
1N5711UBD
1N5712UB
1N5712UBCA
1N5712UBCC
1N5712UBD
MAXIMUM RATING AT 25°C
3 PIN
Operating Temperature:
Storage Temperature:
Operating Current:
Derating:
-65°C to +150°C
-65°C to +150°C
5711 types
5712 types
all types
:33mA dc @ TSP = +140°C
:75mA dc @ TSP = +130°C
:Derate to 0 (zero) mA dc @ +150°C
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
NOTE:
1.
Effective Minority Carrier Lifetime (
τ) is 100 Pico Seconds
TYPE
NUMBER
MINIMUM
BEAKDOWN
VOLTAAGE
MAXIMUM
FORWARD
VOLTAGE
MAXIMUM
FORWARD
VOLTAGE
MAXIMUM
REVERSE
LEAKAGE
CURRENT
MAXIMUM
CAPACITANCE
@
VR = 0 VOLTS
f = 1.0MHz
ESDS
CLASS
VBR @ 10μA
VF @ 1mA
VF @ IF
IR @ VR
CT
VOLTS
VOLTS
VOLTS
@ mA
nA
VOLTS
PICO FARADS
1N5711
70
0.41
1.0 @ 15
200
50
2.0
1
1N5712
20
0.41
1.0 @ 35
150
16
2.0
1


Similar Part No. - 1N5712

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
1N5712 HP-1N5712 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
logo
Jinan Jing Heng Electro...
1N5712 JINGHENG-1N5712 Datasheet
58Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
1N5712 BILIN-1N5712 Datasheet
54Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
AVAGO TECHNOLOGIES LIMI...
1N5712 AVAGO-1N5712 Datasheet
264Kb / 7P
   Pico Second Switching Speed
logo
Jinan Jingheng (Group) ...
1N5712 JINANJINGHENG-1N5712 Datasheet
58Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - 1N5712

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Compensated Deuices Inc...
CDLL746 CDI-DIODE-CDLL746 Datasheet
25Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL3821 CDI-DIODE-CDLL3821 Datasheet
22Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4099 CDI-DIODE-CDLL4099 Datasheet
96Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4614 CDI-DIODE-CDLL4614 Datasheet
109Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Microsemi Corporation
CDLL5518 MICROSEMI-CDLL5518 Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
logo
Vishay Siliconix
DS30506 VISHAY-DS30506 Datasheet
87Kb / 5P
   Ultra-Small Leadless Surface Mount Package
Rev. 18 - 2
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com