Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5419 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5419
Description  VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5419 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5419 Datasheet HTML 1Page - Microsemi Corporation 1N5419 Datasheet HTML 2Page - Microsemi Corporation 1N5419 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOIDLESS-HERMETICALLY SEALED
FAST RECOVERY GLASS RECTIFIERS
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2008
6-11-2008 REV B
S C O T TS DALE DIVISION
1N5415 thru 1N5420
DESCRIPTION
APPEARANCE
This “fast recovery” rectifier diode series is military qualified to MIL-PRF-19500/411
and is ideal for high-reliability applications where a failure cannot be tolerated.
These industry-recognized 3.0 Amp rated rectifiers for working peak reverse
voltages from 50 to 600 volts are hermetically sealed with voidless-glass
construction using an internal “Category I” metallurgical bond. These devices are
also available in surface mount MELF package configurations by adding a “US”
suffix (see separate data sheet for 1N5415US thru 1N5420US). Microsemi also
offers numerous other rectifier products to meet higher and lower current ratings
with various recovery time speed requirements including fast and ultrafast device
types in both through-hole and surface mount packages.
“E” Package
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Popular JEDEC registered 1N5415 to 1N5420 series
Voidless hermetically sealed glass package
Triple-Layer Passivation
Internal “Category I” Metallurgical bonds
Working Peak Reverse Voltage 50 to 600 Volts.
JAN, JANTX, JANTXV, and JANS available per MIL-
PRF-19500/411
Surface mount equivalents also available in a square
end-cap MELF configuration with “US” suffix (see
separate data sheet for 1N5415US thru 1N5420US)
Fast recovery 3 Amp rectifiers 50 to 600 V
Military and other high-reliability applications
General rectifier applications including bridges,
half-bridges, catch diodes, etc.
High forward surge current capability
Extremely robust construction
Low thermal resistance
Controlled avalanche with peak reverse power
capability
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Junction Temperature: -65
oC to +175oC
Storage Temperature: -65
oC to +175oC
Thermal Resistance: 20
oC/W junction to lead at 3/8
inch (10 mm) lead length from body
Thermal Impedance: 1.5
oC/W @ 10 ms heating time
Average Rectified Forward Current (IO): 3 Amps @ TA
= 55ºC and 2 Amps @ TA = 100ºC (see Note 1)
Forward Surge Current (8.3 ms half sine): 80 Amps
Solder temperatures: 260
oC for 10 s (maximum)
CASE: Hermetically sealed voidless hard glass
with Tungsten slugs
TERMINATIONS: Axial-leads are Tin/Lead
(Sn/Pb) over Copper except for JANS with solid
Silver (Ag) and no finish
MARKING: Body paint and part number, etc.
POLARITY: Cathode band
TAPE & REEL option: Standard per EIA-296
WEIGHT:
750 mg
See package dimensions on last page
ELECTRICAL CHARACTERISTICS
FORWARD
VOLTAGE
VF @ 9 A
MAXIMUM
REVERSE
CURRENT
IR @ VRWM
AVERAGE
RECTIFIED
CURRENT IO
(NOTE 1)
TYPE
VRWM
MINIMUM
BREAKDOWN
VOLTAGE
VBR @ 50μA
VOLTS
MIN.
VOLTS
MAX.
VOLTS
25
oC
µA
100
oC
µA
MAXIMUM
REVERSE
RECOVERY
TIME trr
(NOTE 2)
ns
55
oC
AMPS
100
oC
AMPS
1N5415
1N5416
1N5417
1N5418
1N5419
1N5420
50V
100V
200V
400V
500V
600V
55V
110V
220V
440V
550V
660V
0.6
0.6
0.6
0.6
0.6
0.6
1.5
1.5
1.5
1.5
1.5
1.5
1.0
1.0
1.0
1.0
1.0
1.0
20
20
20
20
20
20
150
150
150
150
250
400
3.0
3.0
3.0
3.0
3.0
3.0
2.0
2.0
2.0
2.0
2.0
2.0
NOTE 1: From 3.0 Amps at TA = 55
oC, derate linearly at 22 mA/ oC to 2.0 Amps at T
A = 100
oC. Above T
A = 100
oC, derate
linearly to zero at TA = 175
oC. These ambient ratings are for PC boards where thermal resistance from mounting point to
ambient is sufficiently controlled where TJ(max) does not exceed 175
oC.
NOTE 2: IF = 0.5A, IRM = 1A, IR(REC) = 0.250A


Similar Part No. - 1N5419

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N5419 GE-1N5419 Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Microsemi Corporation
1N5419 MICROSEMI-1N5419 Datasheet
46Kb / 2P
   FAST RECTIFIERS
1N5419 MICROSEMI-1N5419 Datasheet
79Kb / 2P
   RECTIFIERS MILITARY APPROVED, FAST RECOVERY, 3AMP
logo
Semtech Corporation
1N5419 SEMTECH-1N5419 Datasheet
183Kb / 5P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
1N5419 SEMTECH-1N5419 Datasheet
135Kb / 5P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
More results

Similar Description - 1N5419

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5615 MICROSEMI-1N5615_07 Datasheet
181Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5418JAN MICROSEMI-1N5418JAN Datasheet
270Kb / 5P
   VOIDLESS HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
JANTXV1N6623 MICROSEMI-JANTXV1N6623 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_04 Datasheet
335Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTX1N6624 MICROSEMI-JANTX1N6624 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_09 Datasheet
257Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com