Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUA6037 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TUA6037
Description  3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6037 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TUA6037 Datasheet HTML 2Page - Infineon Technologies AG TUA6037 Datasheet HTML 3Page - Infineon Technologies AG TUA6037 Datasheet HTML 4Page - Infineon Technologies AG TUA6037 Datasheet HTML 5Page - Infineon Technologies AG TUA6037 Datasheet HTML 6Page - Infineon Technologies AG TUA6037 Datasheet HTML 7Page - Infineon Technologies AG TUA6037 Datasheet HTML 8Page - Infineon Technologies AG TUA6037 Datasheet HTML 9Page - Infineon Technologies AG TUA6037 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
TUA 6039-2, TUA 6039, TUA 6037
Data Sheet
6
Revision 2.6, 2007-08-20
5.4
Electrical Diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
5.4.1
Input admittance (S11) of the LOW band mixer (30 to 200 MHz) . . . . . 55
5.4.2
Input impedance (S11) of the MID band mixer (130 to 500 MHz) . . . . . 55
5.4.3
Input impedance (S11) of the HIGH band mixer (400 to 1000 MHz) . . . 56
5.4.4
Output admittance (S22) of the of the mixers (30 to 60 MHz) . . . . . . . . 56
5.4.5
Input admittance (S11) of the SAW filter driver (30 to 60 MHz) . . . . . . . 57
5.4.6
Output impedance (S22) of the SAW filter driver (30 to 60 MHz) . . . . . 57
5.4.7
Input admittance (S11) of the IF AGC amplifier (30 to 60 MHz) . . . . . . 58
5.4.8
Output impedance (S22) of the IF AGC amplifier (30 to 60 MHz) . . . . . 58
5.5
Measurement Circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
5.5.1
Gain (GV) measurement in LOW band . . . . . . . . . . . . . . . . . . . . . . . . . 59
5.5.2
Gain (GV) measurement in MID and HIGH bands . . . . . . . . . . . . . . . . 59
5.5.3
Matching circuit for optimum noise figure in LOW band . . . . . . . . . . . . 60
5.5.4
Noise figure (NF) measurement in LOW band . . . . . . . . . . . . . . . . . . . 60
5.5.5
Noise figure (NF) measurement in MID and HIGH bands . . . . . . . . . . . 61
5.5.6
Cross modulation measurement in LOW band . . . . . . . . . . . . . . . . . . . 61
5.5.7
Cross modulation measurement in MID and HIGH bands . . . . . . . . . . . 62
5.5.8
Ripple susceptibility (RSC) measurement . . . . . . . . . . . . . . . . . . . . . . . 62
6
Package VQFN-48 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63


Similar Part No. - TUA6037

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6037F INFINEON-TUA6037F Datasheet
1Mb / 62P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.0, July 2007
More results

Similar Description - TUA6037

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6039F-2 INFINEON-TUA6039F-2 Datasheet
1Mb / 62P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.0, July 2007
logo
DAICO Industries, Inc.
DHD08063 DAICO-DHD08063 Datasheet
30Kb / 1P
   IF / AGC HYBRID
logo
Infineon Technologies A...
TUA6041 INFINEON-TUA6041 Datasheet
909Kb / 66P
   Low Power 3-Band Digital TV / Portable Tuner IC with Digital Alignment
Revision 3.1, Dec 2006
TUA6030 INFINEON-TUA6030 Datasheet
881Kb / 49P
   3-Band TV Tuner IC
Specification July 2001
logo
National Semiconductor ...
CLC5902 NSC-CLC5902 Datasheet
783Kb / 28P
   Dual Digital Tuner/AGC
CLC5903 NSC-CLC5903 Datasheet
698Kb / 29P
   Dual Digital Tuner / AGC
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
logo
Texas Instruments
CLC5903 TI1-CLC5903 Datasheet
737Kb / 31P
[Old version datasheet]   Dual Digital Tuner/AGC
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com