Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4976-1K Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLV4976-1K
Description  Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLV4976-1K Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLV4976-1K Datasheet HTML 1Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 2Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 3Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 4Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 5Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 6Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 7Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 8Page - Infineon Technologies AG TLV4976-1K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Product Name
Product Type
Ordering Code
Package
TLV4976-1K
Hall Effect Switch
SP000803730
PG-SC59-3-5
Hall Effect Switch
TLV4976-1K
Data Sheet
5
Rev. 1.0, 2010-08-02
1
Product Description
1.1
Overview
The TLV4976-1K is a high precision unipolar Hall switch with a two wire,
6mA/14mA current interface in a SMD package. A chopped measurement
principle provides high stability switching thresholds for operating
temperatures between -40°C and 85°C.
1.2
Features
3.0V to 18V supply voltage operation
High sensitivity and high stability of the magnetic switching points
High resistance to mechanical stress by Active Error Compensation
Reverse battery protection (-18V)
Superior temperature stability
Low jitter (typ. 1µs)
High ESD performance (± 4kV HBM)
Digital output signal with current modulation 6 / 14mA
Unipolar version
SMD package SC59 (SOT23 compatible), lead free and halogen free
For industrial and consumer applications, not qualified for automotive applications
1.3
Target Applications
The sensor targets all applications where a high precision unipolar magnetic switch is required (e.g. position
sensing). Due to the current interface the number of wires required in the application is minimized thus saving
costs and increasing reliability. This is specially helpful in all applications where the microcontroller is not on the
same PCB as the Hall switch but in some distance.


Similar Part No. - TLV4976-1K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4976-2K INFINEON-TLV4976-2K Datasheet
1Mb / 17P
   Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
More results

Similar Description - TLV4976-1K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4976-2K INFINEON-TLV4976-2K Datasheet
1Mb / 17P
   Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
logo
Allegro MicroSystems
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
   Precision Hall-Effect Switch for Consumer and Industrial Applications
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
logo
Infineon Technologies A...
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com