Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE42744GV50 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE42744GV50
Description  Low Dropout Linear Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42744GV50 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE42744GV50 Datasheet HTML 6Page - Infineon Technologies AG TLE42744GV50 Datasheet HTML 7Page - Infineon Technologies AG TLE42744GV50 Datasheet HTML 8Page - Infineon Technologies AG TLE42744GV50 Datasheet HTML 9Page - Infineon Technologies AG TLE42744GV50 Datasheet HTML 10Page - Infineon Technologies AG TLE42744GV50 Datasheet HTML 11Page - Infineon Technologies AG TLE42744GV50 Datasheet HTML 12Page - Infineon Technologies AG TLE42744GV50 Datasheet HTML 13Page - Infineon Technologies AG TLE42744GV50 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TLE42744
Electrical Characteristics
Data Sheet
10
Rev. 1.1, 2010-01-13
5.1.11
Temperature Output Voltage Drift2)
–0.5
–mV/K
5.1.12
Overtemperature Shutdown
Threshold
T
j,sd
151
200
°C
T
j increasing
2)
5.1.13
Overtemperature Shutdown
Threshold Hysteresis
T
j,sdh
–25
°C
T
j decreasing
2)
Current Consumption
5.1.14
Quiescent Current
Iq = II – IQ
I
q
–100
220
µA
IQ =1mA
5.1.15
Current Consumption
Iq = II – IQ
I
q
–815
mA
IQ =250 mA
5.1.16
I
q
15
25
mA
TLE42744DV50,
TLE42744GV50,
TLE42744EV50;
IQ =400 mA
5.1.17
20
30
mA
TLE42744GV33,
TLE42744DV33,
TLE42744GSV33;
IQ =400 mA
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
2) not subject to production test, specified by design
Electrical Characteristics
V
I =13.5 V; T
j = -40 °C to 150 °C; all voltages with respect to ground (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Measuring Condition
Min.
Typ.
Max.
dV
Q
dT
-----------


Similar Part No. - TLE42744GV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42744GV50 INFINEON-TLE42744GV50 Datasheet
1Mb / 21P
   Very Low Current Consumption
More results

Similar Description - TLE42744GV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com