Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8209-2SA Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8209-2SA
Description  SPI Programmable H-Bridge
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8209-2SA Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8209-2SA Datasheet HTML 3Page - Infineon Technologies AG TLE8209-2SA Datasheet HTML 4Page - Infineon Technologies AG TLE8209-2SA Datasheet HTML 5Page - Infineon Technologies AG TLE8209-2SA Datasheet HTML 6Page - Infineon Technologies AG TLE8209-2SA Datasheet HTML 7Page - Infineon Technologies AG TLE8209-2SA Datasheet HTML 8Page - Infineon Technologies AG TLE8209-2SA Datasheet HTML 9Page - Infineon Technologies AG TLE8209-2SA Datasheet HTML 10Page - Infineon Technologies AG TLE8209-2SA Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Data Sheet
7
Rev. 1.0, 2010-02-16
TLE8209-2SA
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to 150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions / Comment
Min.
Max.
4.1.1
Junction temperature
T
j
-40
150
150
175
°C–
100h cumulative
4.1.2
Storage temperature
T
s
-55
150
°C–
4.1.3
Ambient temperature
T
a
-40
125
°C–
4.1.4
Battery supply voltage
V
S
-0.5
40
V
Static destruction proof
-2
40
V
Dynamic destruction proof
t < 0.5 s (single pulse,
T
jstart < 85 °C)
4.1.5
Logic supply voltage
V
DD
-0.5
18
V
4.1.6
Supply for logic out
V
DDIO
-0.5
18
V
4.1.7
Voltage at logic pins
ABE, IN1, IN2, DIS, SCK,
SS/SF, SI
V
IN
-0.5
18
V
4.1.8
Voltage at SO
V
SO
-0.5
V
DDIO
+0.3
V–
4.1.9
Voltage at CP
V
CP
V
S-0.3
V
S+5.0
V
0V <
V
S < 40V
4.1.10
Voltage at GNDABE
V
GNDABE
V
GND-0.3
V
GND+0.3
V
ESD Susceptibility
4.1.11
ESD Resistivity to GND
V
ESD
-2
2
kV
HBM2)
2) ESD susceptibility HBM according to EIA/JESD22-A114-B (1.5k
Ω, 100pF)
4.1.12
-8
8
kV
HBM2), Pins OUT1 and OUT2
4.1.13
-500
500
V
CDM3)
3) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101
4.1.14
-750
750
V
CDM3), Pins 1, 10, 11, 20


Similar Part No. - TLE8209-2SA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
More results

Similar Description - TLE8209-2SA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
   SPI Programmable H-Bridge
Rev. 1.4, October 2014
logo
STMicroelectronics
L9929 STMICROELECTRONICS-L9929 Datasheet
629Kb / 23P
   SPI CONTROLLED H-BRIDGE
May 2005 Rev. 2
L9230 STMICROELECTRONICS-L9230 Datasheet
218Kb / 25P
   SPI CONTROLLED H-BRIDGE
logo
Freescale Semiconductor...
33899 FREESCALE-33899_10 Datasheet
485Kb / 26P
   Programmable H-Bridge
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
   10 A H-Bridge, SPI programmable brushed DC motor driver
Rev. 6.0-3 May 2016
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2001 NXP-MC33HB2001 Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
MC33HB2002 NXP-MC33HB2002 Datasheet
3Mb / 47P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 5 ??17 April 2020
logo
STMicroelectronics
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
   Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
February 2021 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com