Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7181EM Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7181EM
Description  H-Bridge and Dual Half Bridge Driver IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7181EM Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7181EM Datasheet HTML 3Page - Infineon Technologies AG TLE7181EM Datasheet HTML 4Page - Infineon Technologies AG TLE7181EM Datasheet HTML 5Page - Infineon Technologies AG TLE7181EM Datasheet HTML 6Page - Infineon Technologies AG TLE7181EM Datasheet HTML 7Page - Infineon Technologies AG TLE7181EM Datasheet HTML 8Page - Infineon Technologies AG TLE7181EM Datasheet HTML 9Page - Infineon Technologies AG TLE7181EM Datasheet HTML 10Page - Infineon Technologies AG TLE7181EM Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Data Sheet
7
Rev 1.1, 2010-09-30
H-Bridge and Dual Half Bridge Driver IC
TLE7181EM
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
40
°C ≤ T
j ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Supply voltage at VS
VVS
-0.3
45
V
4.1.2
Supply voltage at VS
VVSRP
-4.0
45
V
RVS≥10Ω
4.1.3
Voltage range at VDH
VVDH
-0.3
55
V
4.1.4
Voltage range at RPP
V
RPP
-0.3
55
V
4.1.5
maximum current at RPP
I
RPP
-25
25
mA
4.1.6
Voltage range at ENA
V
ENA
-0.3
45
V
4.1.7
Voltage range at SCDL
V
SCDL
-0.3
6
V
4.1.8
Voltage range at PWM, DIR, DT,
DRVDIS
V
DPI
-0.3
6
V
4.1.9
Voltage range at ERR, ISO
V
DPO
-0.3
6
V
4.1.10
Voltage range at ISP, ISN
V
OPI
-5.0
5.0
V
4.1.11
Voltage range at VREG
V
VREG
-0.3
15
V
4.1.12
Voltage range at BHx
V
BH
-0.3
55
V
4.1.13
Voltage range at GHx
V
GH
-0.3
55
V
4.1.14
Voltage range at GHx
V
GHP
-7.0
55
V
t
P<1µs; f=50kHz
4.1.15
Voltage range at SHx
V
SH
-2.0
45
V
4.1.16
Voltage range at SHx
V
SHP
-7.0
45
V
t
P<1µs; f=50kHz
4.1.17
Voltage range at GLx
V
GL
-0.3
18
V
4.1.18
Voltage range at GLx
V
GLP
-7.0
18
V
t
P<0.5µs;
f=50kHz
4.1.19
Voltage range at SL
V
SL
-1.0
5.0
V
4.1.20
Voltage range at SL
V
SLP
-7.0
5.0
V
t
P<0.5µs;
f=50kHz;
CBS≥330nF
4.1.21
Voltage difference Gxx-Sxx
V
GS
-0.3
15
V
4.1.22
Voltage difference BHx-SHx
V
BS
-0.3
15
V
Temperatures
4.1.23
Junction temperature
T
j
-40
150
°C–
4.1.24
Storage temperature
Tstg
-55
150
°C–
4.1.25
Lead soldering temperature
(1/16’’ from body)
Tsol
–260
°C–
4.1.26
Peak reflow soldering temperature2)
Tref
–260
°C–
Power Dissipation
4.1.27
Power Dissipation (DC)
Ptot
–2
W


Similar Part No. - TLE7181EM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7183F INFINEON-TLE7183F Datasheet
706Kb / 28P
   3-Phase Bridge Driver IC
V2.1, April 2008
TLE7183F INFINEON-TLE7183F Datasheet
799Kb / 28P
   Automotive Power
2.2, Jan. 2016
TLE7183F INFINEON-TLE7183F_16 Datasheet
799Kb / 28P
   Automotive Power
2.2, Jan. 2016
TLE7183QU INFINEON-TLE7183QU Datasheet
937Kb / 28P
   3 Phase Driver IC Automotive Power
Rev. 1.1, Jan. 2016
More results

Similar Description - TLE7181EM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
   Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
logo
ON Semiconductor
NCV7535 ONSEMI-NCV7535 Datasheet
305Kb / 21P
   SPI Controlled H-bridge and Dual-Half Bridge Pre-Driver
February, 2018 ??Rev. 1
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Texas Instruments
DRV8843 TI-DRV8843 Datasheet
621Kb / 19P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
DRV8843 TI-DRV8843_15 Datasheet
910Kb / 20P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H660FNG TOSHIBA-TC78H660FNG Datasheet
637Kb / 26P
   Dual H Bridge driver IC
2020-09-08
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com