Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE6365 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6365
Description  Step Down Voltage Regulator with Reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6365 Datasheet HTML 5Page - Infineon Technologies AG TLE6365 Datasheet HTML 6Page - Infineon Technologies AG TLE6365 Datasheet HTML 7Page - Infineon Technologies AG TLE6365 Datasheet HTML 8Page - Infineon Technologies AG TLE6365 Datasheet HTML 9Page - Infineon Technologies AG TLE6365 Datasheet HTML 10Page - Infineon Technologies AG TLE6365 Datasheet HTML 11Page - Infineon Technologies AG TLE6365 Datasheet HTML 12Page - Infineon Technologies AG TLE6365 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TLE 6365
Data Sheet
9
Rev. 1.9, 2007-07-30
Circuit Description
Below some important sections of the TLE 6365 are described in more detail.
Power On Reset
In order to avoid any system failure, a sequence of several conditions has to be passed.
In case of
V
CC power down (VCC < VRT for t > tRR) a logic LOW signal is generated at the
pin RO to reset an external microcontroller. When the level of
V
CC reaches the reset
threshold
V
RT, the signal at RO remains LOW for the Power-up reset delay time tRD
before switching to HIGH. If
V
CC drops below the reset threshold VRT for a time extending
the reset reaction time
t
RR, the reset circuit is activated and a power down sequence of
period
t
RD is initiated. The reset reaction time tRR avoids wrong triggering caused by short
“glitches” on the
V
CC-line.
Figure 3
Reset Function
AET03325.VSD
Invalid
Invalid
Start Up
Invalid
V
CC
t
V
PG
V
RT
Typ. 4.70 V
Typ. 4.65 V
1 V
<
t
RR
<
t
RD
t
RO
ON Delay
H
L
Started
ON Delay
Stopped
t
RD
t
RR
t
RD
ON Delay
Power
Start-Up
Normal
Failed
N
Failed
Normal


Similar Part No. - TLE6365

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
   Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
More results

Similar Description - TLE6365

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
   Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
logo
Linear Technology
LT3688 LINER-LT3688 Datasheet
421Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
   STEP UP & DOWN VOLTAGE REGULATOR
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2593 CHAMP-CM2593 Datasheet
316Kb / 12P
   2A Step Down VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com