Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE5206-2G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE5206-2G
Description  5-A H-Bridge for DC-Motor Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5206-2G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE5206-2G Datasheet HTML 1Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 2Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 3Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 4Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 5Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 6Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 7Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 8Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
1
Rev.1.1, 2007-07-31
Description
The TLE 5206-2 is an integrated power H-bridge with DMOS output stages for driving
DC-Motors. The part is built using the Infineon multi-technology process SPT® which
allows bipolar and CMOS control circuitry plus DMOS power devices to exist on the
same monolithic structure.
Operation modes forward (cw), reverse (ccw), brake high and brake low are invoked
from just two control pins with TTL/CMOS compatible levels. The combination of an
extremely low
R
DS ON and the use of a power IC package with low thermal resistance and
high thermal capacity helps to minimize system power dissipation. A blocking capacitor
at the supply voltage is the only external circuitry due to the integrated freewheeling
diodes.
1Overview
1.1
Features
• Delivers up to 5 A continuous 6 A peak current
• Optimized for DC motor management applications
• Operates at supply voltages up to 40 V
•Very low
R
DS ON; typ. 200 mΩ @25 °C per switch
• Output full short circuit protected
• Overtemperature protection with hysteresis
and diagnosis
• Short circuit diagnosis with open drain error flag
• Undervoltage lockout
• CMOS/TTL compatible inputs with hysteresis
• No crossover current
• Internal freewheeling diodes
• Wide temperature range;
− 40 °C< T
j < 150 °C
• Green Product (RoHS compliant)
• AEC Qualified
Type
Package
TLE 5206-2
PG-TO220-7-11
TLE 5206-2GP
PG-DSO-20-37
TLE 5206-2G
PG-TO263-7-1
TLE 5206-2S
PG-TO220-7-12
5-A H-Bridge for DC-Motor Applications
TLE 5206-2
PG-TO220-7-11
PG-DSO-20-37
PG-TO263-7-1
PG-TO220-7-12


Similar Part No. - TLE5206-2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5206-2GP INFINEON-TLE5206-2GP Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
More results

Similar Description - TLE5206-2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2_07 Datasheet
342Kb / 25P
   5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
   7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE7209-2R INFINEON-TLE7209-2R_07 Datasheet
428Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.4, 2007-04-05
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com