Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE5205-2S Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE5205-2S
Description  5-A H-Bridge for DC-Motor Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5205-2S Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE5205-2S Datasheet HTML 6Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 7Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 8Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 9Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 10Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 11Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 12Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 13Page - Infineon Technologies AG TLE5205-2S Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TLE 5205-2
Electrical Characteristics
Data Sheet
10
Rev. 1.1, 2007-07-31
3.2
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
S
V
UV ON
40
V
After
V
S rising
above
V
UV ON
Supply voltage increasing
– 0.3
V
UV ON
V
Outputs in tristate
condition
Supply voltage decreasing
– 0.3
V
UV OFF
V
Logic input voltage
V
IN1, 2
– 0.3
7
V
Junction temperature
T
j
– 40
150
°C–
3.3
Electrical Characteristics
6 V <
V
S < 18 V; IN1 = IN2 = HIGH
I
OUT1, 2 = 0 A (No load); – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Current Consumption
Quiescent current
I
S
––10
mA
IN1 = IN2 = LOW;
V
S = 13.2 V
Under Voltage Lockout
UV-Switch-ON voltage
V
UV ON
–5.3
6
V
V
S increasing
UV-Switch-OFF voltage
V
UV OFF
3.5
4.7
5.6
V
V
S decreasing
UV-ON/OFF-Hysteresis
V
UV HY
0.2
0.6
V
V
UV ON VUV OFF


Similar Part No. - TLE5205-2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5205-2S INFINEON-TLE5205-2S Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
More results

Similar Description - TLE5205-2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5206-2 INFINEON-TLE5206-2_07 Datasheet
335Kb / 24P
   5-A H-Bridge for DC-Motor Applications
Rev.1.1, 2007-07-31
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
   7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE7209-2R INFINEON-TLE7209-2R_07 Datasheet
428Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.4, 2007-04-05
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com