Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE5206-2GP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE5206-2GP
Description  5-A H-Bridge for DC-Motor Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5206-2GP Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE5206-2GP Datasheet HTML 1Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 2Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 3Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 4Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 5Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 6Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 7Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 8Page - Infineon Technologies AG TLE5206-2GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLE 5206-2
Overview
Data Sheet
5
Rev.1.1, 2007-07-31
1.5
Circuit Description
Input Circuit
The control inputs consist of TTL/CMOS-compatible schmitt-triggers with hysteresis.
Buffer amplifiers are driven by this stages.
Output Stages
The output stages consist of a DMOS H-bridge. Integrated circuits protect the outputs
against short-circuit to ground and to the supply voltage. Positive and negative voltage
spikes, which occur when switching inductive loads, are limited by integrated
freewheeling diodes.
A monitoring circuit for each output transistor detects whether the particular transitor is
active and in this case prevents the corresponding source transistor (sink transistor) from
conducting in sink operation (source operation). Therefore no crossover currents can
occur.
1.6
Input Logic Truth Table
Functional Truth Table
IN1
IN2
OUT1
OUT2
Comments
L
L
L
L
Brake; both low side transistors turned-ON
L
H
L
H
Motor turns counterclockwise
H
L
H
L
Motor turns clockwise
H
H
H
H
Brake; both high side transistors turned-ON
Notes for Output Stage
Symbol
Value
L
Low side transistor is turned-ON
High side transistor is turned-OFF
H
High side transistor is turned-ON
Low side transistor is turned-OFF


Similar Part No. - TLE5206-2GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5206-2GP INFINEON-TLE5206-2GP Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
More results

Similar Description - TLE5206-2GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2_07 Datasheet
342Kb / 25P
   5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
   7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE7209-2R INFINEON-TLE7209-2R_07 Datasheet
428Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.4, 2007-04-05
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com