Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4998S4 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4998S4
Description  Programmable Linear Hall Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S4 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4998S4 Datasheet HTML 5Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 6Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 7Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 8Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 9Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 10Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 11Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 12Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TLE4998S
General
Data Sheet
9
V 1.0, 2008-07
2
General
2.1
Block Diagram
Figure 3 is a simplified block diagram.
Figure 3
Block Diagram (TLE4998S4)
2.2
Functional Description
The linear Hall IC TLE4998S has been designed specifically to meet the requirements
of highly accurate rotation and position detection, as well as for current measurement
applications.
The sensor provides a digital SENT signal based on the SAE J2716 standard, which
consists of a sequence of pulses. Each transmission has a constant number of nibbles
containing the Hall value, the temperature, and status information of the sensor.
The output stage is an open-drain driver pulling the output pin to low only. Therefore, the
high level needs to be obtained by an external pull-up resistor. This output type has the
advantage that the receiver may use an even lower supply voltage (e.g. 3.3 V). In this
case the pull-up resistor must be connected to the given receiver supply.
The IC is produced in BiCMOS technology with high voltage capability, and it also has
reverse-polarity protection.
spinning
HALL
Bias
A
D
DSP
A
D
Temp.
Sense
ROM
EEPROM
Interface
OUT
VDD
GND
Supply
SENT
TST
*)
*) TLE4998S4 only


Similar Part No. - TLE4998S4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4998S4 INFINEON-TLE4998S4 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S4 INFINEON-TLE4998S4 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
More results

Similar Description - TLE4998S4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998C3 INFINEON-TLE4998C3 Datasheet
1Mb / 44P
   Programmable Linear Hall Sensor
Rev 1.0, December 2008
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com