Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1053UK Datasheet(PDF) 1 Page - Seme LAB

Part # D1053UK
Description  METAL GATE RF SILICON FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1053UK Datasheet(HTML) 1 Page - Seme LAB

  D1053UK Datasheet HTML 1Page - Seme LAB D1053UK Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D1053UK
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
175W
70V
±20V
5A
–65 to 150°C
200°C
MECHANICAL DATA
E
K
F
I
J
H
N
M
3
5
2
4
8
6
9
7
O
(2 pls)
C
(2 pls)
D
G
1
A
A
B
B
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
50W – 28V – 1GHz
PUSH–PULL
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• VERY LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 7.5 dB MINIMUM
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from 400 MHz to 1 GHz
METAL GATE RF SILICON FET
TetraFET
DIM
mm
Tol.
Inches
Tol.
A
1.52
0.13
0.060
0.005
B
1.52
0.13
0.060
0.005
C
45°
45°
D
16.38
0.26
0.645
0.010
E
6.35
0.13
0.250
0.005
F
18.41
0.13
0.725
0.005
G
12.70
0.26
0.500
0.010
H
5.08
0.13
0.200
0.005
I
24.76
0.13
0.975
0.005
J
1.52
0.13
0.060
0.005
K
0.81R
0.13
0.032R
0.005
M
0.13
0.02
0.005
0.001
N
2.16
0.13
0.085
0.005
O
1.65R
0.13
0.065R
0.005
DB
PIN 1
SOURCE (COMMON)
PIN 3
DRAIN 2
PIN 5
DRAIN 4
PIN 7
GATE 3
PIN 9
GATE 1
PIN 2
DRAIN 1
PIN 4
DRAIN 3
PIN 6
GATE 4
PIN 8
GATE 2


Similar Part No. - D1053UK

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1053 GMI-D1053 Datasheet
397Kb / 4P
   SIL 2 Analog Signal Converter and Trip Amplifiers DIN-Rail Model D1053S
D1053B GMI-D1053B Datasheet
397Kb / 4P
   SIL 2 Analog Signal Converter and Trip Amplifiers DIN-Rail Model D1053S
More results

Similar Description - D1053UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com