Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4998P3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4998P3
Description  Programmable Linear Hall Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4998P3 Datasheet HTML 2Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 3Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 4Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 5Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 6Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 7Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 9Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TLE4998P
Overview
Data Sheet
6
V 1.0, 2008-07
1.2
Target Applications
• Robust replacement of potentiometers
– No mechanical abrasion
– Resistant to humidity, temperature, pollution and vibration
• Linear and angular position sensing in automotive applications such as pedal position,
suspension control, valve or throttle position, headlight levelling, and steering angle
• High-current sensing for battery management, motor control, and electronic fuses
1.3
Pin Configuration
Figure 1 and Figure 2 show the location of the Hall element in the chip and the distance
between the Hall probe and surface of the package.
Figure 1
TLE4998P3 Pin Configuration and Hall Cell Location
Table 1
TLE4998P3 Pin Definitions and Functions
Pin No.
Symbol
Function
1
VDD
Supply voltage / programming interface
2
GND
Ground
3
OUT
Output / programming interface
1
Center of
Hall Probe
23
AEP03717
0.38 ±0.05
2.03 ±0.1
Hall-Probe
Branded Side


Similar Part No. - TLE4998P3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results

Similar Description - TLE4998P3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998C3 INFINEON-TLE4998C3 Datasheet
1Mb / 44P
   Programmable Linear Hall Sensor
Rev 1.0, December 2008
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com