Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4279GM Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4279GM
Description  5-V Low Drop Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4279GM Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4279GM Datasheet HTML 2Page - Infineon Technologies AG TLE4279GM Datasheet HTML 3Page - Infineon Technologies AG TLE4279GM Datasheet HTML 4Page - Infineon Technologies AG TLE4279GM Datasheet HTML 5Page - Infineon Technologies AG TLE4279GM Datasheet HTML 6Page - Infineon Technologies AG TLE4279GM Datasheet HTML 7Page - Infineon Technologies AG TLE4279GM Datasheet HTML 8Page - Infineon Technologies AG TLE4279GM Datasheet HTML 9Page - Infineon Technologies AG TLE4279GM Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
6
Rev. 2.4, 2007-03-20
TLE 4279
Table 3
Absolute Maximum Ratings
T
j = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Input
Input voltage
V
I
-40
45
V
Input current
I
I
internal limited
Sense Input
Input voltage
V
SI
-
40
45
V
Input current
I
SI
11mA
Reset Threshold
Voltage
V
RADJ
-
40
7
V
Current
I
RADJ
-
10
10
mA
Reset Delay
Voltage
V
D
-
0.3
7
V
Current
I
D
internal limited
Ground
Current
I
GND
50
mA
Reset Output
Voltage
V
R
-
0.3
7
V
Current
I
R
internal limited
Sense Output
Voltage
V
SO
-
0.3
7
V
Current
I
SO
internal limited
5-V Output
Output voltage
V
Q
-
0.5
7
V
Output current
I
Q
-10
mA
Temperature
Junction temperature
T
j
150
°C–
Storage temperature
T
Stg
-
50
150
°C–


Similar Part No. - TLE4279GM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279GM SIEMENS-TLE4279GM Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - TLE4279GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com