Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLD1211SJ Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLD1211SJ
Description  Basic LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD1211SJ Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLD1211SJ Datasheet HTML 7Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 8Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 9Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 10Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 11Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 12Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 13Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 14Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TLD1211SJ
Basic LED Driver
Characterization Data
Data sheet
11
Rev. 1.0, 2010-03-26
Figure 11
I
out vs Vsense =f(TJ) at Vs = 24 V
5.4
Setup 4
V
s = 14 V, Vout = 6 V, Vsense = 20 mV, VEN = variable
Figure 12
I
out vs VEBN =f(TJ) at Vs = 14 V
Iout v s. Vse nse = f(Tj)
Vs=24V
0
10
20
30
40
50
60
70
80
90
100
100
110
120
130
140
150
160
170
180
Vsense [V ]
temp= -40°C
temp= -25°C
temp= 0°C
temp= 25°C
temp= 45°C
temp= 65°C
temp= 85°C
temp= 105°C
temp= 125°C
temp= 150°C
Iout vs. VEN = f(Tj)
Vs=14V
0
10
20
30
40
50
60
70
80
90
100
0
0,5
1
1,5
2
2,5
VEN [V]
temp= -40°C
temp= -25°C
temp= 0°C
temp= 25°C
temp= 45°C
temp= 65°C
temp= 85°C
temp= 105°C
temp= 125°C
temp= 150°C


Similar Part No. - TLD1211SJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD1211SJ INFINEON-TLD1211SJ Datasheet
1Mb / 18P
   LED Current of 2.5 A possible by using external Power Transistors
Rev. 1.0, 2015-02-19
TLD1211SJ INFINEON-TLD1211SJ_15 Datasheet
1Mb / 18P
   LED Current of 2.5 A possible by using external Power Transistors
Rev. 1.0, 2015-02-19
More results

Similar Description - TLD1211SJ

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLD1314EL MARL-TLD1314EL_15 Datasheet
1Mb / 29P
   Basic LED Driver
TLD2314EL MARL-TLD2314EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
TLD2311EL MARL-TLD2311EL_15 Datasheet
1Mb / 34P
   Basic LED Driver
TLD1313EL MARL-TLD1313EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
TLD1121EL MARL-TLD1121EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
TLD1124EL MARL-TLD1124EL_15 Datasheet
1Mb / 29P
   Basic LED Driver
TLD1125EL MARL-TLD1125EL_15 Datasheet
1Mb / 36P
   Basic LED Driver
logo
Infineon Technologies A...
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com