Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDK5100F Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TDK5100F
Description  434 MHz ASK/FSK Transmitter in 10-pin Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDK5100F Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TDK5100F_08 Datasheet HTML 4Page - Infineon Technologies AG TDK5100F_08 Datasheet HTML 5Page - Infineon Technologies AG TDK5100F_08 Datasheet HTML 6Page - Infineon Technologies AG TDK5100F_08 Datasheet HTML 7Page - Infineon Technologies AG TDK5100F_08 Datasheet HTML 8Page - Infineon Technologies AG TDK5100F_08 Datasheet HTML 9Page - Infineon Technologies AG TDK5100F_08 Datasheet HTML 10Page - Infineon Technologies AG TDK5100F_08 Datasheet HTML 11Page - Infineon Technologies AG TDK5100F_08 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TDK5100F
Functional Description
Data Sheet
8
V 1.2, 2008-04-04
Table 3
Pin Definition and Function1)
Pin
No.
Symbol
Interface Schematic
Function
1
CLKOUT
Clock output to supply an external
device.
An external pull-up resistor has to
be added in accordance to the
driving requirements of the
external device.
The clock frequency is 847.5 kHz.
2
VS
This pin is the positive supply of
the transmitter electronics.
An RF bypass capacitor should be
connected directly to this pin and
returned to GND (pin 3) as short
as possible.
3
GND
General ground connection.
4
FSKOUT
This pin is connected to a switch to
GND (pin 3).
The switch is closed when the
signal at FSKDTA (pin 7) is in a
logic low state.
The switch is open when the signal
at FSKDTA (pin 7) is in a logic high
state.
FSKOUT can switch an additional
capacitor to the reference crystal
network to pull the crystal
frequency by an amount resulting
in the desired FSK frequency shift
of the transmitter output
frequency.
1
300
V
S
V
S
200 µA
4
V
S
120 k
200 k


Similar Part No. - TDK5100F_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
   434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
More results

Similar Description - TDK5100F_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA7100 INFINEON-TDA7100 Datasheet
1Mb / 41P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
TDK5110F INFINEON-TDK5110F Datasheet
756Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
   434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5116F INFINEON-TDK5116F Datasheet
752Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2006
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5101F INFINEON-TDK5101F Datasheet
498Kb / 34P
   315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDA7116F INFINEON-TDA7116F Datasheet
731Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, March 2009
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
   ASK Transmitter 434 MHz
Version 1.0 March 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com