Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1017UK Datasheet(PDF) 2 Page - Seme LAB

Part # D1017UK
Description  METAL GATE RF SILICON FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1017UK Datasheet(HTML) 2 Page - Seme LAB

  D1017UK Datasheet HTML 1Page - Seme LAB D1017UK Datasheet HTML 2Page - Seme LAB D1017UK Datasheet HTML 3Page - Seme LAB D1017UK Datasheet HTML 4Page - Seme LAB D1017UK Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D1017UK
Prelim.10/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = 100mA
VDS = 28V
VGS = 0
VGS = 20V
VDS = 0
ID = 10mA
VDS = VGS
VDS = 10V
ID = 6A
PO = 150W
VDS = 28V
IDQ = 0.6A
f = 175MHz
VDS = 0V
VGS = –5V f = 1MHz
VDS = 28V
VGS = 0
f = 1MHz
VDS = 28V
VGS = 0
f = 1MHz
V
mA
mA
V
S
dB
%
pF
pF
pF
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain–Source
BVDSS
Breakdown Voltage
Zero Gate Voltage
IDSS
Drain Current
IGSS
Gate Leakage Current
VGS(th) Gate Threshold Voltage*
gfs
Forward Transconductance*
GPS
Common Source Power Gain
h
Drain Efficiency
VSWR
Load Mismatch Tolerance
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
70
6
1
17
4.8
13
50
20:1
360
180
15
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly
toxic and care must be taken during handling and mounting to avoid damage to this area.
THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE.
RTHj–case
Thermal Resistance Junction – Case
Max. 0.8°C / W
THERMAL DATA
* Pulse Test:
Pulse Duration = 300
ms , Duty Cycle £ 2%


Similar Part No. - D1017UK

ManufacturerPart #DatasheetDescription
logo
Sanken electric
D101 SANKEN-D101 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
List of Unclassifed Man...
D101 ETC2-D101 Datasheet
45Kb / 8P
   Control/Communicators
logo
MicroPower Direct, LLC
D101 MPD-D101 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
logo
C&K Components
D101 CK-COMPONENTS-D101 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
More results

Similar Description - D1017UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com