Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4126 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N4126
Description  PNP Plastic Encapsulated Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N4126 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N4126 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N4126
-0.2 A, -25 V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
29-Dec-2010 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

A
C
E
K
F
D
B
G
H
J
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
PNP Silicon Epitaxial Transistor for Switching and Amplifier
Applications.
Complementary of the 2N4124
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-25
V
Collector to Emitter Voltage
VCEO
-25
V
Emitter to Base Voltage
VEBO
-4
V
Collector Current - Continuous
IC
-0.2
A
Collector Power Dissipation
PC
625
mW
Thermal Resistance Junction to Ambient
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
-25
-
-
V
IC= -0.01mA, IE = 0A
Collector to Emitter
Breakdown Voltage
V(BR)CEO
-25
-
-
V
IC=-1mA, IB = 0A
Emitter to Base Breakdown Voltage
V(BR)EBO
-4
-
-
V
IE= -0.01mA, IC = 0A
Collector Cut-Off Current
ICBO
-
-
-50
nA
VCB=- 20V, IE = 0 A
Emitter Cut-Off Current
IEBO
-
-
-50
nA
VEB= -3V, IC = 0 mA
DC Current Gain
hFE (1)*
120
-
360
VCE= -1V, IC= -2 mA
hFE (2)*
60
-
-
VCE= -1V, IC=-50mA
Collector to Emitter Saturation Voltage
VCE(sat)*
-
-
-0.4
V
IC=-50mA, IB=-5mA
Base to Emitter Saturation Voltage
VBE(sat)*
-
-
-0.95
V
IC=-50mA, IB=-5mA
Collector output Capacitance
Cob
-
-
4.5
pF
VCB = -5V, IE = 0A, f=1MHz
Transition Frequency
fT
250
-
-
MHz
VCE = -20V, IC = -10mA,
f=100MHz
*Pulse test:pulse width ≦ 300s, duty cycle ≦ 1.5%.
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
Emitter
Base
Collector


Similar Part No. - 2N4126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N4126 PHILIPS-2N4126 Datasheet
48Kb / 8P
   PNP general purpose transistor
1997 Mar 25
logo
Jiangsu Changjiang Elec...
2N4126 JIANGSU-2N4126 Datasheet
526Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Transys Electronics
2N4126 TRSYS-2N4126 Datasheet
126Kb / 1P
   PNP SMALL SIGNAL TRANSISTOR
logo
Samsung semiconductor
2N4126 SAMSUNG-2N4126 Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N4126 FAIRCHILD-2N4126 Datasheet
94Kb / 2P
   PNP General Purpose Amplifier
More results

Similar Description - 2N4126

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com