Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1190N Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # T1190N
Description  Netz-Thyristor Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T1190N Datasheet(HTML) 5 Page - Infineon Technologies AG

  T1190N Datasheet HTML 1Page - Infineon Technologies AG T1190N Datasheet HTML 2Page - Infineon Technologies AG T1190N Datasheet HTML 3Page - Infineon Technologies AG T1190N Datasheet HTML 4Page - Infineon Technologies AG T1190N Datasheet HTML 5Page - Infineon Technologies AG T1190N Datasheet HTML 6Page - Infineon Technologies AG T1190N Datasheet HTML 7Page - Infineon Technologies AG T1190N Datasheet HTML 8Page - Infineon Technologies AG T1190N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T1190N
IFBIP D AEC, 2008-09-18, H.Sandmann
A 52/08
5/10
Seite/page
Durchlasskennlinie
Erhöhung des Zth DC bei Sinus und Rechteckströmen mit unterschiedlichen Stromflusswinkeln Θ
Rise of Zth DC for sinewave and rectangular current with different current conduction angles Θ
∆Zth Θ rec / ∆Zth Θ sin
Kühlung / Cooling
Θ = 180°
Θ = 120°
Θ = 90°
Θ = 60°
Θ = 30°
∆Zth Θ rec
[°C/W]
0,00292
0,00489
0,00637
0,00845
0,01154
beidseitig
two-sided
∆Zth Θ sin
[°C/W]
0,00209
0,00305
0,00435
0,00642
0,01002
∆Zth Θ rec
[°C/W]
0,00298
0,00489
0,00630
0,00827
0,01131
anodenseitig
anode-sided
∆Zth Θ sin
[°C/W]
0,00220
0,00312
0,00433
0,00625
0,00973
∆Zth Θ rec
[°C/W]
0,00294
0,00492
0,00639
0,00845
0,01148
kathodenseitig
cathode-sided
∆Zth Θ sin
[°C/W]
0,00214
0,00309
0,00439
0,00645
0,01000
Zth Θ rec = Zth DC +
∆Zth Θ rec
Zth Θ sin = Zth DC +
∆Zth Θ sin
Tvj = Tvj max
0
1.000
2.000
3.000
4.000
5.000
6.000
7.000
0,8
1
1,2
1,4
1,6
1,8
2
2,2
VT [V]
Grenzdurchlasskennlinie / Limiting on-state characteristic iT = f(vT)
Tvj = Tvj max


Similar Part No. - T1190N

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1190NL PULSE-T1190NL Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - T1190N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T388N INFINEON-T388N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T390N INFINEON-T390N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-11-30 revision:3.1
T398N INFINEON-T398N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T930S INFINEON-T930S Datasheet
221Kb / 6P
   Netz-Thyristor Phase Control Thyristor
2008-09-15 revision:3.0
T1040N INFINEON-T1040N Datasheet
291Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
T1410N INFINEON-T1410N Datasheet
248Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
T1590N INFINEON-T1590N Datasheet
293Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-11 revision:2.0
T1960N INFINEON-T1960N Datasheet
297Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
T2563NH INFINEON-T2563NH Datasheet
288Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 11.0
T348N INFINEON-T348N Datasheet
270Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision: 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com