Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2-2N2S-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # C2-2N2S-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C2-2N2S-10 Datasheet(HTML) 2 Page - Superworld Electronics

  C2-2N2S-10 Datasheet HTML 1Page - Superworld Electronics C2-2N2S-10 Datasheet HTML 2Page - Superworld Electronics C2-2N2S-10 Datasheet HTML 3Page - Superworld Electronics C2-2N2S-10 Datasheet HTML 4Page - Superworld Electronics C2-2N2S-10 Datasheet HTML 5Page - Superworld Electronics C2-2N2S-10 Datasheet HTML 6Page - Superworld Electronics C2-2N2S-10 Datasheet HTML 7Page - Superworld Electronics C2-2N2S-10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
CERAMIC CHIP INDUCTORS
C2 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
04.06.2009
4. ELECTRICAL CHARACTERISTICS :
12
12
12
12
12
12
10
10
10
10
10
10
Q
8
Min.
8
8
8
8
10
J : ±5%
S : ±0.3nH
C2-8N2J-10
Tolerance code :
C2-22NJ-10
C2-27NJ-10
C2-18NJ-10
C2-12NJ-10
C2-10NJ-10
C2-15NJ-10
C2-4N7S-10
C2-5N6S-10
C2-3N3S-10
C2-3N9S-10
C2-6N8J-10
C2-2N7S-10
8.2
22
27
18
12
10
15
3.9
5.6
4.7
6.8
3.3
2.7
Part Number
C2-1N0S-10
C2-1N8S-10
C2-1N5S-10
C2-2N2S-10
C2-1N2S-10
1.2
1.8
1.5
2.2
( nH )
Inductance
1.0
Frequency
100
( MHz )
100
Test
12
12
12
12
12
C2-56NJ-10
C2-68NJ-10
C2-47NJ-10
C2-33NJ-10
C2-39NJ-10
56
68
47
33
39
12
8
12
C2-R10J-10
C2-R12J-10
C2-82NJ-10
100
120
82
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
50
100
0.24
0.40
0.45
0.35
0.28
0.26
0.32
0.14
0.18
0.16
0.22
0.12
0.10
0.05
0.10
0.10
0.10
(
)
DCR
0.05
Max.
0.75
0.85
0.70
0.55
0.60
1.00
1.20
0.95
3.5
1.6
1.4
2.0
2.3
2.6
3.4
6
4
4
4
6
6
( GHz )
10
6
6
6
Min.
10
SRF
0.9
0.7
0.9
1.1
1.2
0.6
0.5
0.6
300
300
300
300
300
300
300
300
300
300
300
300
300
Rated Current
300
300
300
300
( mA )
Max.
300
300
300
300
300
300
300
300
300
8
8
8
C2-R18J-10
C2-R22J-10
C2-R15J-10
180
220
150
50
50
50
1.30
1.50
1.20
0.4
0.4
0.5
300
300
300


Similar Part No. - C2-2N2S-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C2-2N2S-10 SUPERWORLD-C2-2N2S-10 Datasheet
381Kb / 7P
   CERAMIC CHIP INDUCTORS
C2-2N2S-10 SUPERWORLD-C2-2N2S-10 Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C2-2N2S-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com