Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1-2N2S-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # C1-2N2S-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C1-2N2S-10 Datasheet(HTML) 6 Page - Superworld Electronics

  C1-2N2S-10 Datasheet HTML 1Page - Superworld Electronics C1-2N2S-10 Datasheet HTML 2Page - Superworld Electronics C1-2N2S-10 Datasheet HTML 3Page - Superworld Electronics C1-2N2S-10 Datasheet HTML 4Page - Superworld Electronics C1-2N2S-10 Datasheet HTML 5Page - Superworld Electronics C1-2N2S-10 Datasheet HTML 6Page - Superworld Electronics C1-2N2S-10 Datasheet HTML 7Page - Superworld Electronics C1-2N2S-10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
04.06.2009
CERAMIC CHIP INDUCTORS
C1 SERIES
C
D
temperature
A
B
b) 280°C tip temperature (max)
c) Never contact the ceramic with the iron tip
a) Preheat circuit and products to 150°C.
Accordingly increasing the solder volume, the mechanical stress to product is also
increased. Exceeding solder volume may cause the failure of mechanical or electrical
performance. Solder shall be used not to be exceed as shown in right side.
7-3. Solder Volume :
7-2. Soldering Iron
a soldering iron must be employed the following precautions are recommended.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
Note :
e) Use a 30 watt max. soldering iron with tip diameter of 3.0mm
f) Limit soldering time to 3 secs.
Upper limit
Recommendable
d) 3.0mm tip diameter (max)
TIME(sec.)
(Melting area of solder)
255 ~ 260
No. of mounting
Peak temperature
Peak hold time
E
times
3
sec
°C
10 max.
main heating
pre-heating
normal
230°C
Insufficient pre-heating may cause cracks on the ferrite, resulting in the deterioration of product quality.
Also cooling into the solvent after soldering should be in such a way that the temperature difference is limited to 100°C max.
Pre-heating should be in such a way that the temperature difference between solder and ferrite surface is limited to 150°C max.
Products should be soldered within the following allowable range indicated by the slanted line. The excessive soldering conditions
7-1. Reflow soldering conditions
may cause the corrosion of the electrode. When soldering is repeated, allowable time is the accumulated time.
7. SOLDERING :
180°C
120°C
E
°C/sec
A
Slope of temp. rise
1 to 5
50 to 150
120 to 180
90 ~ 120
Heat temperature
Slope of temp. rise
Time over 230°C
C
D
Heat time
B
°C
°C/sec
sec
1 to 5
sec


Similar Part No. - C1-2N2S-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C1-2N2S-10 SUPERWORLD-C1-2N2S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C1-2N2S-10 SEMIKRON-C1-2N2S-10 Datasheet
225Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1-2N2S-10 SUPERWORLD-C1-2N2S-10 Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C1-2N2S-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com