Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T740N Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # T740N
Description  Netz-Thyristor Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T740N Datasheet(HTML) 1 Page - Infineon Technologies AG

  T740N Datasheet HTML 1Page - Infineon Technologies AG T740N Datasheet HTML 2Page - Infineon Technologies AG T740N Datasheet HTML 3Page - Infineon Technologies AG T740N Datasheet HTML 4Page - Infineon Technologies AG T740N Datasheet HTML 5Page - Infineon Technologies AG T740N Datasheet HTML 6Page - Infineon Technologies AG T740N Datasheet HTML 7Page - Infineon Technologies AG T740N Datasheet HTML 8Page - Infineon Technologies AG T740N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T740N
IFBIP D AEC / 2010-09-02, H.Sandmann
A 27/10
1/10
Seite/page
enndaten
Elektrische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Vorwärts- und Rückwärts-Spitzensperrspannung
repetitive peak forward off-state and reverse voltages
Tvj = -40°C... Tvj max
VDRM,VRRM
2200
2600
V
V
Vorwärts-Stossspitzensperrspannung
non-repetitive peak forward off-state voltage
Tvj = -40°C... Tvj max
VDSM
2200
2600
V
V
Rückwärts-Stossspitzensperrspannung
non-repetitive peak reverse voltage
Tvj = +25°C... Tvj max
VRSM
2300
2700
V
V
Durchlassstrom-Grenzeffektivwert
maximum RMS on-state current
ITRMSM
1500 A
Dauergrenzstrom
average on-state current
TC = 85 °C
ITAVM
745 A
Dauergrenzstrom
average on-state current
TC = 55 °C, θ = 180°sin, tP = 10 ms
ITAVM
1070 A
Durchlaßstrom-Effektivwert
RMS on-state current
ITRMS
1690 A
Stossstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
ITSM
13000
11500
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
845
660
10³ A²s
10³ A²s
Kritische Stromsteilheit
critical rate of rise of on-state current
DIN IEC 60747-6
f = 50 Hz, iGM = 1 A, diG/dt = 1 A/µs
(diT/dt)cr
150 A/µs
Kritische Spannungssteilheit
critical rate of rise of off-state voltage
Tvj = Tvj max, vD = 0,67 VDRM
5.Kennbuchstabe / 5
th letter F
(dvD/dt)cr
1000 V/µs
Charakteristische Werte / Characteristic values
Durchlassspannung
on-state voltage
Tvj = Tvj max, iT = 2850 A
Tvj = Tvj max, iT = 650 A
vT
max.
max.
2,53
1,32
V
V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
1,0 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
0,5 mΩ
Durchlasskennlinie
200 A ≤ iT ≤ 3600 A
on-state characteristic
T
T
T
T
i
D
1)
i
(
ln
C
i
B
A
v
+
+
+
+
=
Tvj = Tvj max
A=
B=
C=
D=
1,245E+00
3,716E-04
-1,040E-01
1,970E-02
Zündstrom
gate trigger current
Tvj = 25 °C, vD = 12V
IGT
max.
250 mA
Zündspannung
gate trigger voltage
Tvj = 25 °C, vD = 12V
VGT
max.
2,2 V
Nicht zündender Steuerstrom
gate non-trigger current
Tvj = Tvj max, vD = 12V
Tvj = Tvj max, vD = 0,5 VDRM
IGD
max.
max.
10
5
mA
mA
Nicht zündende Steuerspannung
gate non-trigger voltage
Tvj = Tvj max, vD = 0,5 VDRM
VGD
max.
0,25 V
Haltestrom
holding current
Tvj = 25°C, vD = 12V
IH
max.
300 mA
Einraststrom
latching current
Tvj = 25°C, vD = 12V, RGK ≥ 10 Ω
iGM = 1 A, diG/dt = 1 A/µs, tg = 20 µs
IL
max.
1500 mA
Vorwärts- und Rückwärts-Sperrstrom
forward off-state and reverse current
Tvj = Tvj max
vD = VDRM, vR = VRRM
iD, iR
max.
100 mA
Zündverzug
gate controlled delay time
DIN IEC 60747-6
Tvj = 25 °C, iGM = 1 A, diG/dt = 1 A/µs
tgd
max.
4 µs
prepared by: H.Sandmann
date of publication:
2010-09-02
approved by: M.Leifeld
revision:
3.2


Similar Part No. - T740N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T7400 INTEL-T7400 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
More results

Similar Description - T740N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T388N INFINEON-T388N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T390N INFINEON-T390N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-11-30 revision:3.1
T398N INFINEON-T398N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T930S INFINEON-T930S Datasheet
221Kb / 6P
   Netz-Thyristor Phase Control Thyristor
2008-09-15 revision:3.0
T1040N INFINEON-T1040N Datasheet
291Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
T1190N INFINEON-T1190N Datasheet
289Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2008-09-18 revision:2.0
T1410N INFINEON-T1410N Datasheet
248Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
T1590N INFINEON-T1590N Datasheet
293Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-11 revision:2.0
T1960N INFINEON-T1960N Datasheet
297Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
T2563NH INFINEON-T2563NH Datasheet
288Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 11.0
T348N INFINEON-T348N Datasheet
270Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision: 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com