Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T360N Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # T360N
Description  Netz-Thyristor Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T360N Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button T360N Datasheet HTML 2Page - Infineon Technologies AG T360N Datasheet HTML 3Page - Infineon Technologies AG T360N Datasheet HTML 4Page - Infineon Technologies AG T360N Datasheet HTML 5Page - Infineon Technologies AG T360N Datasheet HTML 6Page - Infineon Technologies AG T360N Datasheet HTML 7Page - Infineon Technologies AG T360N Datasheet HTML 8Page - Infineon Technologies AG T360N Datasheet HTML 9Page - Infineon Technologies AG T360N Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T360N
IFBIP D AEC / 2009-12-07, H.Sandmann
A 32/09
9/10
Seite/page
0-50V
0,33 VRRM
0,67 VRRM
0
1
2
3
4
5
1
2
3
4
5
6
7
8
9
10
11121314
1516
17
Anzahl Pulse bei 50Hz Sinus Halbwellen
Number of pulses for 50Hz sinusoidal half waves
Typische Abhängigkeit des Grenzstromes IT(OV)M von der Anzahl für eine Folge von Sinus
Halbwellen bei 50Hz. Parameter: Rückwärtsspannung VRM
Typical dependency of maximum overload on-state current IT(OV)M as a number of a sequence of
sinusoidal half waves at 50Hz. Parameter: peak reverse voltage VRM
IT(OV)M = f (pulses, VRM) ; Tvj = Tvjmax


Similar Part No. - T360N

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T3609070101-000 TEC-T3609070101-000 Datasheet
465Kb / 1P
   METAL CABLE GLAND
T3609070111-000 TEC-T3609070111-000 Datasheet
465Kb / 1P
   METAL CABLE GLAND
T3609070121-000 TEC-T3609070121-000 Datasheet
465Kb / 1P
   METAL CABLE GLAND
T3609090101-000 TEC-T3609090101-000 Datasheet
465Kb / 1P
   METAL CABLE GLAND
T3609090111-000 TEC-T3609090111-000 Datasheet
465Kb / 1P
   METAL CABLE GLAND
More results

Similar Description - T360N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T388N INFINEON-T388N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T390N INFINEON-T390N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-11-30 revision:3.1
T398N INFINEON-T398N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T930S INFINEON-T930S Datasheet
221Kb / 6P
   Netz-Thyristor Phase Control Thyristor
2008-09-15 revision:3.0
T1040N INFINEON-T1040N Datasheet
291Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
T1190N INFINEON-T1190N Datasheet
289Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2008-09-18 revision:2.0
T1410N INFINEON-T1410N Datasheet
248Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
T1590N INFINEON-T1590N Datasheet
293Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-11 revision:2.0
T1960N INFINEON-T1960N Datasheet
297Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
T2563NH INFINEON-T2563NH Datasheet
288Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 11.0
T348N INFINEON-T348N Datasheet
270Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision: 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com