Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB20N60S5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPB20N60S5
Description  Cool MOS Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB20N60S5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPB20N60S5 Datasheet HTML 1Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 2Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 3Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 4Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 5Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 6Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 7Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 8Page - Infineon Technologies AG SPB20N60S5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2005-0
7-22
Rev. 2.
3
Page 4
SPB20N60S5
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Inverse diode continuous
forward current
IS
TC=25°C
-
-
20
A
Inverse diode direct current,
pulsed
ISM
-
-
40
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=350V, IF=IS ,
diF/dt=100A/µs
-
610
-
ns
Reverse recovery charge
Qrr
-
12
-
µC
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
typ.
typ.
Thermal resistance
Rth1
0.00769
K/W
Rth2
0.015
Rth3
0.029
Rth4
0.114
Rth5
0.136
Rth6
0.059
Thermal capacitance
Cth1
0.0003763
Ws/K
Cth2
0.001411
Cth3
0.001931
Cth4
0.005297
Cth5
0.012
Cth6
0.091
External H eatsink
Tj
Tcase
Tamb
Cth1
Cth2
R th1
Rth,n
Cth,n
Ptot (t)


Similar Part No. - SPB20N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB20N60S5 INFINEON-SPB20N60S5 Datasheet
323Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPB20N60S5 INFINEON-SPB20N60S5 Datasheet
121Kb / 9P
   Cool MOS??Power Transistor
2001-07-25
logo
Inchange Semiconductor ...
SPB20N60S5 ISC-SPB20N60S5 Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SPB20N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com