Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB11N60C3 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SPB11N60C3
Description  Cool MOS Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB11N60C3 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SPB11N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPB11N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPB11N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPB11N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPB11N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPB11N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPB11N60C3 Datasheet HTML 11Page - Infineon Technologies AG SPB11N60C3 Datasheet HTML 12Page - Infineon Technologies AG SPB11N60C3 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
200
7-12-14
Rev. 2.
6
Page 9
SPB11N60C3
17 Typ. drain source voltage slope
dv/dt
= f(RG), inductive load, Tj = 125°C
par.: VDS=380V, VGS=0/+13V, ID=11A
0
10
20
30
40
50
70
RG
10
20
30
40
50
60
70
80
90
100
110
120
V/ns
140
dv/dt(off)
dv/dt(on)
18 Typ. switching losses
E = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=6.8Ω
0
2
4
6
8
A
12
ID
0
0.005
0.01
0.015
0.02
0.025
0.03
mWs
0.04
Eon*
Eoff
*) Eon includes SPD06S60 diode
commutation losses
19 Typ. switching losses
E = f(RG), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, ID=11A
0
10
20
30
40
50
70
RG
0
0.04
0.08
0.12
0.16
mWs
0.24
Eon*
Eoff
*) Eon includes SPD06S60 diode
commutation losses
20 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
1
2
3
4
5
6
7
8
9
A
11
Tj(START)=125°C
Tj(START)=25°C


Similar Part No. - SPB11N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB11N60C3 INFINEON-SPB11N60C3 Datasheet
352Kb / 14P
   Cool MOS??Power Transistor
2003-07-01
SPB11N60C3 INFINEON-SPB11N60C3 Datasheet
193Kb / 14P
   Cool MOS Power Transistor
2001-07-05
logo
Inchange Semiconductor ...
SPB11N60C3 ISC-SPB11N60C3 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPB11N60C3 VBSEMI-SPB11N60C3 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SPB11N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com