Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBT3904 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SMBT3904
Description  NPN Silicon Switching Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3904 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SMBT3904 Datasheet HTML 2Page - Infineon Technologies AG SMBT3904 Datasheet HTML 3Page - Infineon Technologies AG SMBT3904 Datasheet HTML 4Page - Infineon Technologies AG SMBT3904 Datasheet HTML 5Page - Infineon Technologies AG SMBT3904 Datasheet HTML 6Page - Infineon Technologies AG SMBT3904 Datasheet HTML 7Page - Infineon Technologies AG SMBT3904 Datasheet HTML 8Page - Infineon Technologies AG SMBT3904 Datasheet HTML 9Page - Infineon Technologies AG SMBT3904 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2007-09-20
6
SMBT3904...MMBT3904
DC current gain hFE = ƒ(IC)
VCE = 10 V, normalized
EHP00765
10
10
mA
h
C
5
FE
10
1
0
10
-1
5
10
10
10
-1
0
1
2
Ι
125 C
25 C
-55 C
55
2
Saturation voltage IC = ƒ(VBEsat; VCEsat)
hFE = 10
EHP00756
2
0
V
BE sat
C
10
1
10
0
5
Ι
V
mA
0.2
0.4
0.6
0.8
1.0
1.2
CE sat
V
,
5
10
2
V BE
VCE
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
4
8
12
16
A
22
VCB(VEB
0
1
2
3
4
5
6
7
pF
9
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
SMBT3904/MMBT3904
0
15
30
45
60
75
90
105 120 °C 150
TS
0
30
60
90
120
150
180
210
240
270
300
mW
360


Similar Part No. - SMBT3904

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT3904 SIEMENS-SMBT3904 Datasheet
212Kb / 7P
   NPN Silicon Switching Transistor
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904 Datasheet
207Kb / 7P
   NPN Silicon Switching Transistor
Feb-18-2002
SMBT3904 INFINEON-SMBT3904 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
ON Semiconductor
SMBT3904DW1 ONSEMI-SMBT3904DW1 Datasheet
102Kb / 8P
   Dual General Purpose Transistors
June, 2015 ??Rev. 11
SMBT3904DW1T1G ONSEMI-SMBT3904DW1T1G Datasheet
138Kb / 8P
   Dual General Purpose Transistors
October, 2012 ??Rev. 9
More results

Similar Description - SMBT3904

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com