Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIGC42T60SNC Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SIGC42T60SNC
Description  IGBT Chip in NPT-technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIGC42T60SNC Datasheet(HTML) 2 Page - Infineon Technologies AG

  SIGC42T60SNC Datasheet HTML 1Page - Infineon Technologies AG SIGC42T60SNC Datasheet HTML 2Page - Infineon Technologies AG SIGC42T60SNC Datasheet HTML 3Page - Infineon Technologies AG SIGC42T60SNC Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIGC42T60SNC
Edited by INFINEON Technologies AI PS DD HV3, L 7272-S, Edition 2, 28.11.2003
MAXIMUM RATINGS:
Parameter
Symbol
Value
Unit
Collector-emitter voltage, Tj=25 °C
V CE
600
V
DC collector current, limited by Tjmax
I C
1 )
A
Pulsed collector current, tp limited by Tjmax
I cpuls
150
A
Gate emitter voltage
V GE
±20
V
Operating junction and storage temperature
Tj, Tstg
-55 ... +150
°C
1 ) depending on thermal properties of assembly
STATIC CHARACTERISTICS (tested on chip), Tj=25 °C, unless otherwise specified:
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Collector-emitter breakdown voltage
V(BR)CES
VGE=0V, IC=2mA
600
Collector-emitter saturation voltage
VCE(sat)
VGE=15V, IC=50A
1.7
2
2.5
Gate-emitter threshold voltage
VGE(th)
IC=1mA, VGE=VCE
3
4
5
V
Zero gate voltage collector current
ICES
VCE=600V, VGE=0V
3.5
µA
Gate-emitter leakage current
IGES
VCE=0V, VGE=20V
120
nA
DYNAMIC CHARACTERISTICS (tested at component):
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Input capacitance
Ciss
-
2660
3190
Output capacitance
Coss
-
250
300
Reverse transfer capacitance
Crss
V CE=25V
V GE=0V
f =1MHz
-
153
182
pF
SWITCHING CHARACTERISTICS (tested at component), Inductive Load:
Value
Parameter
Symbol
Conditions
2)
min.
typ.
max.
Unit
Turn-on delay time
t d(on)
-
55
77
Rise time
t r
-
40
56
Turn-off delay time
t d(off)
-
380
532
Fall time
t f
Tj=150 ° C
V CC =400V
I C =50A
V GE=+15/0V
RG=6.8Ω
-
80
112
ns
2) switching conditions different to 600V Standard IGBT 2, under comparable switching conditions 40% faster
turnoff than Standard IGBT 2. Values also influenced by parasitic L- and C- in measurement and package.


Similar Part No. - SIGC42T60SNC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC42T60NC INFINEON-SIGC42T60NC Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC42T60UN INFINEON-SIGC42T60UN Datasheet
64Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient easy paralleling
Edition 1, 13.09.2005
More results

Similar Description - SIGC42T60SNC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC121T60NR2C INFINEON-SIGC121T60NR2C Datasheet
67Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC42T170R2C INFINEON-SIGC42T170R2C Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
SIGC81T120R2CS INFINEON-SIGC81T120R2CS Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC144T170R2C INFINEON-SIGC144T170R2C Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
SIGC223T120R2CS INFINEON-SIGC223T120R2CS Datasheet
69Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC42T120CS2 INFINEON-SIGC42T120CS2 Datasheet
67Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC16T120CS INFINEON-SIGC16T120CS Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC14T60NC INFINEON-SIGC14T60NC Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC16T120CL INFINEON-SIGC16T120CL Datasheet
66Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC156T60NR2C INFINEON-SIGC156T60NR2C Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC06T120CS INFINEON-SIGC06T120CS Datasheet
69Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com