Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIDC46D170H Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SIDC46D170H
Description  Fast switching diode chip in EMCON 3 -Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC46D170H Datasheet(HTML) 1 Page - Infineon Technologies AG

  SIDC46D170H Datasheet HTML 1Page - Infineon Technologies AG SIDC46D170H Datasheet HTML 2Page - Infineon Technologies AG SIDC46D170H Datasheet HTML 3Page - Infineon Technologies AG SIDC46D170H Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDC46D170H
Edited by INFINEON Technologies AI DP PSD CLS, L 4471A, Edition 2, 2.11.2004
Fast switching diode chip in EMCON 3 -Technology
This chip is used for:
EUPEC power modules
FEATURES:
1700V EMCON 3 technology 200 µm chip
soft, fast switching
low reverse recovery charge
small temperature coefficient
Applications:
resonant applications, drives
A
C
Chip Type
VR
IF
Die Size
Package
Ordering Code
SIDC46D170H
1700V
75A
6.8 x 6.8 mm
2
sawn on foil
Q67050-A4175-
A001
MECHANICAL PARAMETER:
Raster size
6.8 x 6.8
Area total / active
46.24 / 34.04
Anode pad size
4.78 x 4.78
mm
2
Thickness
200
µm
Wafer size
150
mm
Flat position
180
deg
Max. possible chips per wafer
304 pcs
Passivation frontside
Photoimide
Anode metallization
3200 nm Al Si Cu
Cathode metallization
Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al,
≤500µm
Reject Ink Dot Size
∅ 0.65mm; max 1.2mm
Recommended Storage Environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Similar Part No. - SIDC46D170H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC46D170H INFINEON-SIDC46D170H Datasheet
71Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1, 22.10.2001
More results

Similar Description - SIDC46D170H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC38D60C6 INFINEON-SIDC38D60C6 Datasheet
61Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1.1, 10.07.2006
SIDC110D170H INFINEON-SIDC110D170H Datasheet
66Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 2, 3.11.2004
SIDC85D170H INFINEON-SIDC85D170H Datasheet
94Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1, 22.10.2001
SIDC02D65C8 INFINEON-SIDC02D65C8 Datasheet
115Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
SIDC50D65C8 INFINEON-SIDC50D65C8 Datasheet
108Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Rev. 2.0, 12.09.2011
SIDC02D60C6 INFINEON-SIDC02D60C6 Datasheet
63Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1.1, 10.07.2006
SIDC03D60C6 INFINEON-SIDC03D60C6 Datasheet
64Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 1.1, 10.07.2006
SIDC03D65C8 INFINEON-SIDC03D65C8 Datasheet
111Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
SIDC20D65C8 INFINEON-SIDC20D65C8 Datasheet
111Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
SIDC06D65C8 INFINEON-SIDC06D65C8 Datasheet
108Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
1.0, 12.09.2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com