Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA220121M Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFA220121M
Description  High Power RF LDMOS Field Effect Transistor 12 W, 700-2200 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA220121M Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFA220121M Datasheet HTML 6Page - Infineon Technologies AG PTFA220121M Datasheet HTML 7Page - Infineon Technologies AG PTFA220121M Datasheet HTML 8Page - Infineon Technologies AG PTFA220121M Datasheet HTML 9Page - Infineon Technologies AG PTFA220121M Datasheet HTML 10Page - Infineon Technologies AG PTFA220121M Datasheet HTML 11Page - Infineon Technologies AG PTFA220121M Datasheet HTML 12Page - Infineon Technologies AG PTFA220121M Datasheet HTML 13Page - Infineon Technologies AG PTFA220121M Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PTFA220121M
Confidential, Limited Internal Distribution
Data Sheet
10 of 19
Rev. 07, 2010-04-15
Two-carrier WCDMA 3GPP
VDD = 28 V, IDQ = 150 mA, ƒ = 2140 MHz
3GPP WCDMA, P/AR = 8:1, 10 MHz carrier
spacing, BW 3.84 MHz
13
14
15
16
17
18
24
26
28
30
32
34
36
38
Output Power (dBm)
0
10
20
30
40
50
Efficiency
Gain
Two-carrier WCDMA 3GPP Drive-up
VDD = 28 V, IDQ = 150 mA, ƒ = 2140 MHz
3GPP WCDMA, P/AR = 8:1, 10 MHz carrier
spacing, BW 3.84 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
32
33
34
35
36
37
38
Output Power (dBm)
0
5
10
15
20
25
30
35
40
Efficiency
IMD Up
IMD Low
ACPR
Typical Performance, 2140 MHz (data taken in Infineon test fixture)
Two-tone Drive-up
VDD = 28 V, IDQ = 150 mA,
ƒ1 = 2139.05 MHz, ƒ2 = 2140.05 MHz
-40
-35
-30
-25
-20
-15
33
34
35
36
37
38
39
40
41
42
43
Output Power, PEP (dBm)
10
20
30
40
50
60
Efficiency
IMD3
Two-tone Drive-up
VDD = 28 V, IDQ = 150 mA,
ƒ1 = 2139.05 MHz, ƒ2 = 2140.05 MHz
14
15
16
17
18
36
37
38
39
40
41
42
43
Output Power, PEP (dBm)
10
20
30
40
50
Efficiency
Gain


Similar Part No. - PTFA220121M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220121M INFINEON-PTFA220121M Datasheet
381Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
logo
Cree, Inc
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
logo
Infineon Technologies A...
PTFA220121MV4R1K INFINEON-PTFA220121MV4R1K Datasheet
381Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220121MV4R1KV4XUMA1 INFINEON-PTFA220121MV4R1KV4XUMA1 Datasheet
381Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
More results

Similar Description - PTFA220121M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
PTFA220081M INFINEON-PTFA220081M Datasheet
1Mb / 17P
   High Power RF LDMOS Field Effect Transistor 8 W, 700-2200 MHz
Rev. 04, 2010-06-09
logo
Cree, Inc
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
logo
Infineon Technologies A...
PTFA220041M INFINEON-PTFA220041M Datasheet
1Mb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 700 - 2200 MHz
Rev. 08, 2010-06-07
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
logo
Tyco Electronics
MAPLST0822-002PP MACOM-MAPLST0822-002PP Datasheet
259Kb / 10P
   RF Power Field Effect Transistor LDMOS, 800-2200 MHz, 2W, 28V
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
PTFB241402F INFINEON-PTFB241402F_16 Datasheet
810Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 04.1, 2016-06-15
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com