Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA220081M Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTFA220081M
Description  High Power RF LDMOS Field Effect Transistor 8 W, 700-2200 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA220081M Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTFA220081M Datasheet HTML 1Page - Infineon Technologies AG PTFA220081M Datasheet HTML 2Page - Infineon Technologies AG PTFA220081M Datasheet HTML 3Page - Infineon Technologies AG PTFA220081M Datasheet HTML 4Page - Infineon Technologies AG PTFA220081M Datasheet HTML 5Page - Infineon Technologies AG PTFA220081M Datasheet HTML 6Page - Infineon Technologies AG PTFA220081M Datasheet HTML 7Page - Infineon Technologies AG PTFA220081M Datasheet HTML 8Page - Infineon Technologies AG PTFA220081M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 17
Rev. 04, 2010-06-09
PTFA220081M
Confidential, Limited Internal Distribution
RF Characteristics
Two-tone Measurements (not subject to production test – verified by design / characterization in Infineon test fixture)
VDD = 28 V, IDQ = 100 mA, POUT = 8 W PEP, ƒ = 2140 MHz, tone spacing = 1 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
17
dB
Drain Efficiency
hD
38
%
Intermodulation Distortion
IMD
–31
dBc
High Power RF LDMOS Field Effect Transistor
8 W, 700 – 2200 MHz
Description
The PTFA220081M an unmatched 8-watt LDMOS FET suitable for
power amplifiers applications with frequencies from 700 MHz to 2200
MHz. This LDMOS transistor offers excellent gain, efficiency and
linearity performance in a small overmolded plastic package.
PTFA220081M
Package PG-SON-10
Features
• Typical two-carrier WCDMA performance,
8 dB PAR
- POUT = 33 dBm Avg
- ACPR = –40 dBc
• Typical CW performance, 940 MHz, 28 V
- POUT = 40 dBm
- Efficiency = 59%
- Gain = 20 dB
• Typical CW performance, 2140 MHz, 28 V
- POUT = 40 dBm
- Efficiency = 50%
- Gain = 15 dB
• Capable of handling 10:1 VSWR @ 28 V, 8 W
(CW) output power
• Integrated ESD protection : Human Body Model,
Class 2 (minimum)
• Excellent thermal stability
• Pb-free and RoHS compliant
0
10
20
30
40
50
-60
-50
-40
-30
-20
-10
34
35
36
37
38
39
40
41
Output Power, PEP (dBm)
Two-tone Drive-up
VDD = 28 V, IDQ = 100 mA,
ƒ1 = 939.5 M Hz, ƒ2 = 940.5 M Hz
Efficiency
IMD 3rd
IMD 5th


Similar Part No. - PTFA220081M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220041M INFINEON-PTFA220041M Datasheet
1Mb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 700 - 2200 MHz
Rev. 08, 2010-06-07
PTFA220041M INFINEON-PTFA220041M Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220041MV4R1K INFINEON-PTFA220041MV4R1K Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220041MV4R1KXUMA1 INFINEON-PTFA220041MV4R1KXUMA1 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
More results

Similar Description - PTFA220081M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220121M INFINEON-PTFA220121M Datasheet
245Kb / 19P
   High Power RF LDMOS Field Effect Transistor 12 W, 700-2200 MHz
Rev. 07, 2010-04-15
PTFA220041M INFINEON-PTFA220041M Datasheet
1Mb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 700 - 2200 MHz
Rev. 08, 2010-06-07
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
logo
Cree, Inc
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
logo
Infineon Technologies A...
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
logo
Tyco Electronics
MAPLST0822-002PP MACOM-MAPLST0822-002PP Datasheet
259Kb / 10P
   RF Power Field Effect Transistor LDMOS, 800-2200 MHz, 2W, 28V
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
PTFB241402F INFINEON-PTFB241402F_16 Datasheet
810Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 04.1, 2016-06-15
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com