Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA220081M Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFA220081M
Description  High Power RF LDMOS Field Effect Transistor 8 W, 700-2200 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA220081M Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFA220081M Datasheet HTML 1Page - Infineon Technologies AG PTFA220081M Datasheet HTML 2Page - Infineon Technologies AG PTFA220081M Datasheet HTML 3Page - Infineon Technologies AG PTFA220081M Datasheet HTML 4Page - Infineon Technologies AG PTFA220081M Datasheet HTML 5Page - Infineon Technologies AG PTFA220081M Datasheet HTML 6Page - Infineon Technologies AG PTFA220081M Datasheet HTML 7Page - Infineon Technologies AG PTFA220081M Datasheet HTML 8Page - Infineon Technologies AG PTFA220081M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PTFA220081M
Confidential, Limited Internal Distribution
Data Sheet
5 of 17
Rev. 04, 2010-06-09
Reference Circuit, 920 – 960 MHz
Reference circuit input schematic for ƒ = 920 – 960 MHz
Reference circuit output schematic for ƒ = 920 – 960 MHz
1
2
3
TL101
R101
1300 Ohm
C101
1000 pF
R102
1200 Ohm
C102
1000 pF
R103
2000 Ohm
R104
10 Ohm
TL102
C103
1000 pF
TL103
TL104
TL105
TL106
TL107
TL108
TL109
1
2
3
4
TL110
PORT
3
C
B
E
1
2
3
4
S4
In
Out
NC
NC
1
2 3
4
5
6
7
8
S5
3
S3
1
2
3
4
S2
R105
1.3 Ohm
1
2
3
TL111
1
2
3
TL112
C104
16 pF
C105
68 pF
L1
22 nH
C106
5.6 pF
C107
16 pF
R106
510 Ohm
R107
10 Ohm
TL113
TL114
a080304m_960 MHz_bdin_06-03-2010
RF_IN
GATE_DUT
VDD
RF_OUT
R201
0 Ohm
1
2
3
TL201
1
2
3
TL202
TL203
TL204
TL205
TL206
C201
3.6 pF
TL207
TL208
1
2
3
TL209
TL210
TL211
TL212
TL213
C202
68 pF
C203
68 pF
TL214
1
2
3
TL215
TL216
TL217
TL218
TL219
TL220
1
2
3
TL221
TL222
C204
10000000 pF
1
2
3
TL223
C205
4710000 pF
1
2
3
TL224
1
2
3
TL225
a080304m_960 MHz_bdout_06-03-2010
DRAIN_DUT
VDD


Similar Part No. - PTFA220081M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220041M INFINEON-PTFA220041M Datasheet
1Mb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 700 - 2200 MHz
Rev. 08, 2010-06-07
PTFA220041M INFINEON-PTFA220041M Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220041MV4R1K INFINEON-PTFA220041MV4R1K Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220041MV4R1KXUMA1 INFINEON-PTFA220041MV4R1KXUMA1 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
More results

Similar Description - PTFA220081M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220121M INFINEON-PTFA220121M Datasheet
245Kb / 19P
   High Power RF LDMOS Field Effect Transistor 12 W, 700-2200 MHz
Rev. 07, 2010-04-15
PTFA220041M INFINEON-PTFA220041M Datasheet
1Mb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 700 - 2200 MHz
Rev. 08, 2010-06-07
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
logo
Cree, Inc
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
logo
Infineon Technologies A...
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
logo
Tyco Electronics
MAPLST0822-002PP MACOM-MAPLST0822-002PP Datasheet
259Kb / 10P
   RF Power Field Effect Transistor LDMOS, 800-2200 MHz, 2W, 28V
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
PTFB241402F INFINEON-PTFB241402F_16 Datasheet
810Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 04.1, 2016-06-15
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com