Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA211001E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFA211001E
Description  Thermally-Enhanced High Power RF LDMOS FET 100 W, 2110-2170 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA211001E Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFA211001E Datasheet HTML 1Page - Infineon Technologies AG PTFA211001E Datasheet HTML 2Page - Infineon Technologies AG PTFA211001E Datasheet HTML 3Page - Infineon Technologies AG PTFA211001E Datasheet HTML 4Page - Infineon Technologies AG PTFA211001E Datasheet HTML 5Page - Infineon Technologies AG PTFA211001E Datasheet HTML 6Page - Infineon Technologies AG PTFA211001E Datasheet HTML 7Page - Infineon Technologies AG PTFA211001E Datasheet HTML 8Page - Infineon Technologies AG PTFA211001E Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PTFA211001E
Data Sheet
5 of 9
Rev. 03, 2008-03-04
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Frequency
Z Source
Z Load
MHz
R
jX
R
jX
2070
3.02
–2.80
2.64
1.47
2110
2.96
–2.32
2.57
1.84
2140
2.89
–2.01
2.51
2.10
2170
2.84
–1.66
2.44
2.34
2210
2.85
–1.20
2.40
2.70
0.1
2070 MHz
2210 MHz
2070 MHz
2210 MHz
Z Load
Z Source
Z0 = 50 Ω
See next page for circuit information


Similar Part No. - PTFA211001E

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTFA2115 CELDUC-PTFA2115 Datasheet
142Kb / 2P
   Vertical level sensor
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFA211801E INFINEON-PTFA211801E Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA211801E INFINEON-PTFA211801E Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PTFA211801E INFINEON-PTFA211801E_11 Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
More results

Similar Description - PTFA211001E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E_11 Datasheet
583Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
PTFB213208FV INFINEON-PTFB213208FV Datasheet
221Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2012-07-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com