Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA192001E Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFA192001E
Description  Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA192001E Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFA192001E Datasheet HTML 3Page - Infineon Technologies AG PTFA192001E Datasheet HTML 4Page - Infineon Technologies AG PTFA192001E Datasheet HTML 5Page - Infineon Technologies AG PTFA192001E Datasheet HTML 6Page - Infineon Technologies AG PTFA192001E Datasheet HTML 7Page - Infineon Technologies AG PTFA192001E Datasheet HTML 8Page - Infineon Technologies AG PTFA192001E Datasheet HTML 9Page - Infineon Technologies AG PTFA192001E Datasheet HTML 10Page - Infineon Technologies AG PTFA192001E Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Data Sheet
10 of 11
Rev. 05, 2008-05-15
PTFA192001E
PTFA192001F
Confidential, Limited Internal Distribution
Package Outline Specifications (cont.)
Package H-37260-2
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Pins: D = drain, S = source, G = gate.
3. Lead thickness: 0.10 +0.051/–0.025 [.004 +.002/–.001].
4. Gold plating thickness:
S, D, G - flange & leads: 1.14 ± 0.38 micron [45 ± 15 microinch]
5. All tolerances ± 0.25 [0.01] / ± 0.127 [.005] unless specified otherwise.
6. Primary dimensions are mm. Alternate dimensions are inches.
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/rfpower
+0.10
LID 13.21
–0.15
+.004
[.520
]
–.006
CL
CL
h-36+37260-2_37260 /04-25-08
SPH 1.57
[.062]
23.37±0.51
[.920±.020]
2X 12.70
[.500]
45° X 2.031
[.080]
D
G
S
-A-
4.11±0.38
[.162±.015]
LID 22.35±0.23
[.880±.009]
FLANGE 23.11
[.910]
13.72
[.540]
4.83±0.50
[.190±.020]
0.0381 [.0015]
+0.381
4X R0.508
–0.127
+.015
[R.020
]
–.005
1.02
[.040]


Similar Part No. - PTFA192001E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA192001E INFINEON-PTFA192001E Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
More results

Similar Description - PTFA192001E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFA191001E INFINEON-PTFA191001E Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFB192503EL INFINEON-PTFB192503EL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
PTFA190451E INFINEON-PTFA190451E Datasheet
375Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1930 - 1990 MHz
Rev. 03.1, 2009-02-20
PTFB193404F INFINEON-PTFB193404F_16 Datasheet
665Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930 ??1990 MHz
Rev. 05.2, 2016-06-14
PTFB193404F INFINEON-PTFB193404F Datasheet
244Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930-1990 MHz
Rev. 04, 2011-02-07
PTF191601F INFINEON-PTF191601F Datasheet
206Kb / 10P
   Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz
2004-09-16
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
PTFB193404F CREE-PTFB193404F Datasheet
610Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 340 W, 30 V, 1930 ??1990 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com