Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC3108G-XXX Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3108G-XXX
Description  Current Sense Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3108G-XXX Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3108G-XXX Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Current Sense Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for Switching Supply-Current Sense Applications
• Optimal Performance at 250 KHz and above
• Operating Temperature : -25°C to +105°C
• UL1446 Class B Insulating System
• Class B 130°C Insulation System
• UL94V0 Recognized Materials
EPC3108G-XXX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3108G-XXX
Rev. 2
1/11/07 RR
Inductance
(µH Min.)
@ 10 KHz
3000
2000
1430
980
500
320
180
Secondary
DCR
(
Ω Max.)
7.70
6.20
5.30
4.75
2.50
1.35
1.00
6.0
6.0
6.0
6.0
6.0
6.0
6.0
Primary
(Amps Max.)
10
10
10
10
10
10
10
Insulation
Resistance
(meg
Ω Min.)
PCA
Part
Number
EPC3108G-125
EPC3108G-100
EPC3108G-85
EPC3108G-70
EPC3108G-50
EPC3108G-40
EPC3108G-30
Turns
Ratio
(Pri. to Sec.)
1:125
1:100
1:85
1:70
1:50
1:40
1:30
• Note : Clamp cover is optional •
Package
Recommended Pad Layout
.063
(1.60)
.047
(1.20)
.098
(2.50)
.073
(1.85)
.051
(1.30)
.118
(3.00)
.106
(2.70)
.020
(.500)
.078
(2.00)
.027 (.700)
3
2
1
5
6
4
8
7
.210
Max.
(5.33)
.330 Max.
(8.50)
Copper Plate
.275 ± .015
(6.99 ± .381)
.073
(1.85)
92.5
75.0
62.5
52.5
27.5
30.0
22.5
Vt
(V-µSec. Max.)
Schematic
7
8
6
4
1:N
Application Circuit
G
Ipk
Isecondary
Vref
D
S
N
RT
1T
Power Transformer
Current Sense Transformer
V Ref. = Ipk RT/N


Similar Part No. - EPC3108G-XXX

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX Datasheet
41Kb / 1P
   Current Sense Transformers
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
More results

Similar Description - EPC3108G-XXX

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
   Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
   Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1025 TRIAD-CST-1025 Datasheet
86Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST4835 COILCRAFT-CST4835 Datasheet
273Kb / 2P
   Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com