Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF180101S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTF180101S
Description  LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF180101S Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTF180101S Datasheet HTML 1Page - Infineon Technologies AG PTF180101S Datasheet HTML 2Page - Infineon Technologies AG PTF180101S Datasheet HTML 3Page - Infineon Technologies AG PTF180101S Datasheet HTML 4Page - Infineon Technologies AG PTF180101S Datasheet HTML 5Page - Infineon Technologies AG PTF180101S Datasheet HTML 6Page - Infineon Technologies AG PTF180101S Datasheet HTML 7Page - Infineon Technologies AG PTF180101S Datasheet HTML 8Page - Infineon Technologies AG PTF180101S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
3 of 10
Rev. P03, 2007-03-01
PTF180101S
EDGE Modulation Spectrum Performance
VDD = 28 V, IDQ = 0.18 A, f = 1989.8 MHz
-100
-90
-80
-70
-60
-50
25
30
35
40
Output Power (dBm)
0
10
20
30
40
50
Efficiency
400 kHz
600 kHz
1
2
3
4
5
6
7
8
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Quiscent Drain Current (A)
-110
-100
-90
-80
-70
-60
-50
-40
EVM and Modulation Spectrum Performance
f = 1989.8 MHz, POUT = 3.5 W
EVM
400 kHz
600 kHz
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–0.5 to +12
V
Junction Temperature
TJ
200
°C
Total Device Dissipation
PD
58
W
Above 25°C derate by
0.333
W/°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (TCASE = 70°C, 10 W CW)
RθJC
3.0
°C/W
Ordering Information
Type
Package Outline
Package Description
Marking
PTF180101S
H-32259-2
Thermally enhanced, surface mount
PTF180101S
Typical Performance measurements taken in broadband test fixture


Similar Part No. - PTF180101S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF180101S INFINEON-PTF180101S Datasheet
310Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
More results

Similar Description - PTF180101S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF180101 INFINEON-PTF180101 Datasheet
310Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTF180601 INFINEON-PTF180601 Datasheet
233Kb / 11P
   LDMOS Field Effect Transistor 60 W, DCS/PCS Band 1805-1880 MHz, 1930-1990 MHz
2004-05-03
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
   LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
   LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
   LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTF181301 INFINEON-PTF181301 Datasheet
66Kb / 4P
   LDMOS RF Power Field Effect Transistor 130 W, 1805-1880 MHz
2004-04-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com