Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP096N03LG Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP096N03LG
Description  OptiMOS3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP096N03LG Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPP096N03LG Datasheet HTML 2Page - Infineon Technologies AG IPP096N03LG Datasheet HTML 3Page - Infineon Technologies AG IPP096N03LG Datasheet HTML 4Page - Infineon Technologies AG IPP096N03LG Datasheet HTML 5Page - Infineon Technologies AG IPP096N03LG Datasheet HTML 6Page - Infineon Technologies AG IPP096N03LG Datasheet HTML 7Page - Infineon Technologies AG IPP096N03LG Datasheet HTML 8Page - Infineon Technologies AG IPP096N03LG Datasheet HTML 9Page - Infineon Technologies AG IPP096N03LG Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
% %   #  ! 
%    #  ! 
  >.6;?<A>02 <;?@.@2 >2?6?@.;02
(E= 4.@2 @5>2?5<91 B<9@.42
9I"\[#4S" W  9   =I /
=I"`U#4S" W=I4 9I  9   W 
(E= 0.=.06@.;02?
 <>C .>1 05.>.0@2>6?@60? <3>2B2>?2 1 6<1 2
! 4S" 9I=I /   ' " J
 <4S" I9#
A2 B2 > 6D6B W
`e]
  
'
)
+
-
/
('
()
(+
(-
(/
$-'
$)'
)'
-'
(''
(+'
(/'
& S ,H -
'
'%,
(
(%,
)
)%,
$-'
$)'
)'
-'
(''
(+'
(/'
& S ,H -
8V__
8\__
8^__
('
+
('
*
('
)
('
(
('
'
'
('
)'
*'
' 5C ,*-
  T
  T
  T    
  T    
(
('
(''
('''
'%'
'%,
(%'
(%,
)%'
' C5 ,* -
, 6F 
A2 86 
   


Similar Part No. - IPP096N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP096N03LG INFINEON-IPP096N03LG Datasheet
299Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.02 2007-08-29
More results

Similar Description - IPP096N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com