Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD530N15N3G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD530N15N3G
Description  OptiMOS3 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD530N15N3G Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD530N15N3G Datasheet HTML 1Page - Infineon Technologies AG IPD530N15N3G Datasheet HTML 2Page - Infineon Technologies AG IPD530N15N3G Datasheet HTML 3Page - Infineon Technologies AG IPD530N15N3G Datasheet HTML 4Page - Infineon Technologies AG IPD530N15N3G Datasheet HTML 5Page - Infineon Technologies AG IPD530N15N3G Datasheet HTML 6Page - Infineon Technologies AG IPD530N15N3G Datasheet HTML 7Page - Infineon Technologies AG IPD530N15N3G Datasheet HTML 8Page - Infineon Technologies AG IPD530N15N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
#    !  !  
#    !  !  
#   !  !  
# #   !  !  
?HXHTLZLX
A_TIVS 3VUKPZPVUY
CUPZ
TPU%
Z_W%
TH^%
& 30<8 ,7.3,<,.>0<4=>4.=
.96C
>2=C
6D:DE
2?4 6 ;
F?4 E
:@ ?4 2D6
* aUA9
&
&
+'+
B(L
* aUA7
>:?:>2=7@ @ E
AC
:?E
 
 4 > 4 @ @ =:?8 2C
62
,#
&
&
-)
 7
0.><4.,7.3,<,.>0<4=>4.= 2E+ W   UF?=6DD@ E96CH:D6 DA64 :7:65
% >,>4. .3,<,.>0<4=>4.=
 C
2:?D@ FC
4 6 3 C
62<5@ H? G@ =E
286
, "8H#;II , >I/' ;  >
*.)
&
&
K
" 2E
6 E
9C
6D9@ =5 G@ =E
286
, >I"aU#
, ;I5, >I ' ;   W 
+
,
-
16C
@ 82E
6 G@ =E
286 5C
2:? 4 FC
C
6?E
' ;II
, ;I  /, >I/
+ W   U
&
)'*
*
s7
, ;I  /, >I/
+ W    U
&
*)
*))
" 2E
6D@ FC
4 6 =62<286 4 FC
C
6?E
' >II
, >I /, ;I/
&
*
*))
[7
 C
2:?D@ FC
4 6 @ ?DE
2E
6 C
6D:DE
2?4 6
* ;I"\[#
, >I /' ;   
&
--
.,
Z"
, >I  /' ;  
&
--
.,
" 2E
6 C
6D:DE
2?4 6
* >
&
+'*
&
"
J_N[`P\[QbPaN[PR
/ S`
h, ;Ih6+h' ;h* ;I"\[#ZNe
' ;   
**
+*
&
I
DHS[LY
+# -66 7:8FC6 
.96C
>2=C
6D:DE
2?4 6 ;
F?4 E
:@ ?
NZOVR[a
*#% -. 2?5 % -  
,#  6G:4 6 @ ?>> I>> I  >> 6A@ IJ *  !,  H:E9 4 >+ @ ?6 =2J6CW > E9:4 < 4 @ AA6C2C62 7@ C5C2:?
4 @ ??64 E
:@ ? *   :DG6C
E
:4 2=:? DE
:==2:C
, 6G  
A286 
   


Similar Part No. - IPD530N15N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD530N15N3G INFINEON-IPD530N15N3G Datasheet
967Kb / 12P
   N-channel, normal level
Rev. 2.6 2013-07-09
More results

Similar Description - IPD530N15N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com