Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD35N10S3L-26 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPD35N10S3L-26
Description  OptiMOS-T Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD35N10S3L-26 Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPD35N10S3L-26 Datasheet HTML 1Page - Infineon Technologies AG IPD35N10S3L-26 Datasheet HTML 2Page - Infineon Technologies AG IPD35N10S3L-26 Datasheet HTML 3Page - Infineon Technologies AG IPD35N10S3L-26 Datasheet HTML 4Page - Infineon Technologies AG IPD35N10S3L-26 Datasheet HTML 5Page - Infineon Technologies AG IPD35N10S3L-26 Datasheet HTML 6Page - Infineon Technologies AG IPD35N10S3L-26 Datasheet HTML 7Page - Infineon Technologies AG IPD35N10S3L-26 Datasheet HTML 8Page - Infineon Technologies AG IPD35N10S3L-26 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IPD35N10S3L-26
9 Typ. gate threshold voltage
10 Typ. capacitances
V GS(th) = f(T j); V GS = V DS
C = f(V DS); V GS = 0 V; f = 1 MHz
parameter: I D
11 Typical forward diode characteristicis
12 Typ. avalanche characteristics
IF = f(VSD)
I A S= f(t AV)
parameter: T j
parameter: Tj(start)
25 °C
175 °C
10
3
10
2
10
1
10
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD [V]
40 µA
200 µA
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
2
10
3
10
4
0
5
10
15
20
25
30
V DS [V]
10
1
25 °C
100 °C
150 °C
0.1
1
10
100
0.1
1
10
100
1000
t AV [µs]
25 °C
175 °C
10
0
10
1
10
2
10
3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD [V]
Rev. 1.0
page 6
2008-04-21


Similar Part No. - IPD35N10S3L-26

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD35N10S3L-26 INFINEON-IPD35N10S3L-26 Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
logo
Inchange Semiconductor ...
IPD35N10S3L-26 ISC-IPD35N10S3L-26 Datasheet
354Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD35N10S3L-26 INFINEON-IPD35N10S3L-26_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
More results

Similar Description - IPD35N10S3L-26

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG15N06S3L-45 INFINEON-IPG15N06S3L-45 Datasheet
169Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPD30N06S3L-20 INFINEON-IPD30N06S3L-20 Datasheet
185Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPG20N06S3L-23 INFINEON-IPG20N06S3L-23 Datasheet
168Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
192Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-04-21
IPB35N10S3L-26 INFINEON-IPB35N10S3L-26_12 Datasheet
177Kb / 9P
   OptiMOS??T Power-Transistor
Rev. 1.1 2011-05-17
IPB70N04S3-07 INFINEON-IPB70N04S3-07 Datasheet
191Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD90N04S3-04 INFINEON-IPD90N04S3-04 Datasheet
190Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD70N04S3-07 INFINEON-IPD70N04S3-07 Datasheet
188Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD30N06S3-24 INFINEON-IPD30N06S3-24 Datasheet
189Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPD50N06S3L-06 INFINEON-IPD50N06S3L-06 Datasheet
163Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
IPD50N06S3L-13 INFINEON-IPD50N06S3L-13 Datasheet
162Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com