Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB011N04NG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB011N04NG
Description  OptiMOS3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB011N04NG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB011N04NG Datasheet HTML 1Page - Infineon Technologies AG IPB011N04NG Datasheet HTML 2Page - Infineon Technologies AG IPB011N04NG Datasheet HTML 3Page - Infineon Technologies AG IPB011N04NG Datasheet HTML 4Page - Infineon Technologies AG IPB011N04NG Datasheet HTML 5Page - Infineon Technologies AG IPB011N04NG Datasheet HTML 6Page - Infineon Technologies AG IPB011N04NG Datasheet HTML 7Page - Infineon Technologies AG IPB011N04NG Datasheet HTML 8Page - Infineon Technologies AG IPB011N04NG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
#  !  ! 
,B48 ?8 <,>492= 2 D( W   T  E? =
6CC@D
96B
G:C6 CA64:7:65
?HXHTLZLX
A_TIVS 3VUKPZPVUY
CUPZ
) @G6B5:CC:A2 D
:@?
% `\`
( 8   T
*-(
L
( A6B
2 D
:? 8 2 ? 5 CD
@B
2 86 D
6> A6B
2 D
EB
6
( W ( _`T
   
T
#  4=
:> 2 D
:4 42 D
68@B
I  #' #   
     
?HXHTLZLX
A_TIVS 3VUKPZPVUY
CUPZ
TPU%
Z_W%
TH^%
& 30<8 ,7.3,<,.>0<4=>4.=
-96B
> 2 =B
6C:CD
2 ? 46 ;E? 4D
:@?42 C6
' `U@8
%
%
(&.
A'L
, &  F6B
C:@?  56F:46 @? )  
' `U@6
> :? :> 2 =7@@D
AB
:? D
 
 4> V 4@@=
:? 8 2 B
62
,#
%
%
,(
 7
0.><4.,7.3,<,.>0<4=>4.= 2 D( W   T  E? =
6CC@D
96B
G:C6 CA64:7:65
% >,>4. .3,<,.>0<4=>4.=
 B
2 :? C@EB
46 3 B
62 <5@G? F@=
D
2 86
) "7G#9HH ) =H /  $ 9>
,(
%
%
K
!2 D
6 D
9B
6C9@=
5 F@=
D
2 86
) =H"`U#
) 9H4) =H $ 9  W 
*
%
,
16B
@ 82 D
6 F@=
D
2 86 5B
2 :? 4EB
B
6? D
$ 9HH
) 9H  /  ) =H / 
( W   T
%
%
*
s6
) 9H  /  ) =H / 
( W  T
%
%
*((
!2 D
6C@EB
46 =
62 <2 86 4EB
B
6? D
$ =HH
) =H  /  ) 9H /
%
%
*((
[6
 B
2 :? C@EB
46 @? CD
2 D
6 B
6C:CD
2 ? 46
-#
' 9H"\[#
) =H /  $ 9 
%
(&1
)&)
Z"
!2 D
6 B
6C:CD
2 ? 46
' =
%
)&-
%
"
I^N[_P\[QaP`N[PR
, S_
g) 9Hg5*g$ 9g' 9H"\[#ZNd
$ 9  
))(
**(
%
H
,#  6F:46 @?  >> H >> H  >> 6A@HI ) 
+  G:D
9  4>  @? 6 =
2 I6B
  W > D
9:4< 4@AA6B2 B
62 7@B5B
2 :?
4@? ? 64D
:@?)   :CF6B
D
:42 =:? CD
:=
=2 :B
-# & 62 CEB65 7B@> 5B2:? D23 D@ C@EB46 A:?
+# ,66 7:8EB6 7@B>@B6 56D2:=65 :? 7@B>2 D:@?
DHS[L
DHS[LY
*# ,66 7:8EB6  7@B>@B6 56D2:=65 :? 7@B>2 D:@?
+ 6F
A2 86 
   


Similar Part No. - IPB011N04NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB011N04NF2S INFINEON-IPB011N04NF2S Datasheet
1Mb / 11P
   StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-12
More results

Similar Description - IPB011N04NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com