Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA105N15N3G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPA105N15N3G
Description  OptiMOS3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA105N15N3G Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPA105N15N3G Datasheet HTML 1Page - Infineon Technologies AG IPA105N15N3G Datasheet HTML 2Page - Infineon Technologies AG IPA105N15N3G Datasheet HTML 3Page - Infineon Technologies AG IPA105N15N3G Datasheet HTML 4Page - Infineon Technologies AG IPA105N15N3G Datasheet HTML 5Page - Infineon Technologies AG IPA105N15N3G Datasheet HTML 6Page - Infineon Technologies AG IPA105N15N3G Datasheet HTML 7Page - Infineon Technologies AG IPA105N15N3G Datasheet HTML 8Page - Infineon Technologies AG IPA105N15N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IPA105N15N3 G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R 9H"[Z#4R"T V I 9     V =H .
V =H"_T#4R"T V V =H4V 9H
@1A1=5C5A I 9
11 Typ. capacitances
12 Forward characteristics of reverse diode
C
4R"V 9H V =H .  f & " I
I <4R"V H9#
@1A1=5C5A T V
_d\
  
0
5
10
15
20
25
30
-60
-20
20
60
100
140
180
T j [°C]
 U 
 U 
0
0.5
1
1.5
2
2.5
3
3.5
4
-60
-20
20
60
100
140
180
T j [°C]
8U^^
8[^^
8]^^
10
4
10
3
10
2
10
1
0
20
40
60
80
100
V DS [V]
  S
  S
  S    
  S    
10
3
10
2
10
1
10
0
0
0.5
1
1.5
2
V SD [V]
+ 5E 
@175 
 


Similar Part No. - IPA105N15N3G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPA105N15N3 ISC-IPA105N15N3 Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA105N15N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com