Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4682DSQ28T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4682DSQ28T1G
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4682DSQ28T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4682DSQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP4682DSQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP4682DSQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP4682DSQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP4682DSQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP4682DSQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP4682DSQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP4682DSQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP4682DSQ28T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. 0
1
Publication Order Number:
NCP4682/D
NCP4682, NCP4685
150 mA, Ultra Low Supply
Current, Low Dropout
Regulator
The NCP4682 and NCP4685 are CMOS Low Dropout Linear
voltage regulators with 150 mA output current capability. The devices
have high output voltage accuracy, a 1
mA (typ.) ultra low supply
current and high ripple rejection. Current fold−back protection is
integrated in the devices to protect against over current and short
current conditions. A Chip Enable (NCP4682 only) function is
included to save power by further lowering supply current, which is
advantageous for battery powered applications. The NCP4685 is
optimized for the lowest quiescent current possible in applications
where the device is always on.
Features
Operating Input Voltage Range: 1.70 V to 5.25 V
Output Voltage Range: 1.2 V to 3.3 V (available in 0.1 V steps)
Output Voltage Accuracy: ±0.8%
Excellent Output Voltage Temperature Coefficient : ±40 ppm/°C
Supply Current: 1.0 mA (excluding CE pull down current)
Standby Current: 0.1 mA
Dropout Voltage: 0.24 V (IOUT = 150 mA, VOUT = 2.8 V)
Line Regulation: 0.02%/V Typ.
Stable with Ceramic Capacitors: 0.1 mF or more
Current Fold Back Protection
Available in UDFN4 1.0 x 1.0 mm, SC−82AB, SOT23 Packages
These are Pb−Free Devices
Typical Applications
Battery−Powered Equipment
Networking and Communication Equipment
Cameras, DVRs, STB and Camcorders
Home Appliances
VIN
VOUT
CE
GND
C1
C2
100n
100n
VIN
VOUT
NCP4682x
VIN
VOUT
GND
C1
C2
100n
100n
VIN
VOUT
NCP4685x
Figure 1. Typical Application Schematics
http://onsemi.com
See detailed ordering, marking and shipping information in the
package dimensions section on page 19 of this data sheet.
ORDERING INFORMATION
XX, XXX= Specific Device Code
M, MM = Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
(Note: Microdot may be in either location)
SOT−23−5
CASE 1212
xxx M
G
1
SC−82AB
CASE 419C
XXX MG
G
1
UDFN4
CASE 517BR
XX
MM
1


Similar Part No. - NCP4682DSQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682DSQ28T1G ONSEMI-NCP4682DSQ28T1G Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DSQ28T1G ONSEMI-NCP4682DSQ28T1G Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682DSQ28T1G ONSEMI-NCP4682DSQ28T1G Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
More results

Similar Description - NCP4682DSQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com