Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C512WI-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT24C512WI-GT3
Description  512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C512WI-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT24C512WI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT24C512WI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C512WI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C512WI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C512WI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C512WI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C512WI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C512WI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C512WI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 1
1
Publication Order Number:
CAT24C512/D
CAT24C512
512 kb I2C CMOS Serial
EEPROM
Description
The CAT24C512 is a 512 kb Serial CMOS EEPROM, internally
organized as 65,536 words of 8 bits each.
It features a 128−byte page write buffer and supports the Standard
(100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C protocol.
Write operations can be inhibited by taking the WP pin High (this
protects the entire memory).
External address pins make it possible to address up to eight
CAT24C512 devices on the same bus.
Features
Supports Standard, Fast and Fast−Plus I2C Protocol
1.8 V to 5.5 V Supply Voltage Range
128−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
8−pin PDIP, SOIC, TSSOP and 8−pad UDFN Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Functional Symbol
SDA
SCL
WP
CAT24C512
VCC
VSS
A2, A1, A0
http://onsemi.com
PIN CONFIGURATION
SDA
WP
VCC
VSS
A2
A1
A0
1
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
SOIC−8
X SUFFIX
CASE 751BE
SCL
PDIP (L), SOIC (W, X),
TSSOP (Y), UDFN (HU5)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Device Address
A0, A1, A2
Serial Data
SDA
Serial Clock
SCL
Write Protect
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
For the location of Pin 1, please consult the
corresponding package drawing.
UDFN−8
HU5 SUFFIX
CASE 517BU


Similar Part No. - CAT24C512WI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C512WI-GT3 ONSEMI-CAT24C512WI-GT3 Datasheet
194Kb / 16P
   512 kb I2C CMOS Serial EPROM
October, 2012 ??Rev. 4
CAT24C512WI-GT3 ONSEMI-CAT24C512WI-GT3 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAT24C512WI-GT3 ONSEMI-CAT24C512WI-GT3 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAT24C512WI-GT3OSCT-ND ONSEMI-CAT24C512WI-GT3OSCT-ND Datasheet
5Mb / 30P
   Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
More results

Similar Description - CAT24C512WI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24M01 ONSEMI-CAT24M01 Datasheet
178Kb / 14P
   1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
May, 2011 ??Rev. 1
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAV24C512 ONSEMI-CAV24C512 Datasheet
120Kb / 13P
   512 kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C512 ONSEMI-CAV24C512_18 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com