Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C512LI-G Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT24C512LI-G
Description  512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C512LI-G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT24C512LI-G Datasheet HTML 3Page - ON Semiconductor CAT24C512LI-G Datasheet HTML 4Page - ON Semiconductor CAT24C512LI-G Datasheet HTML 5Page - ON Semiconductor CAT24C512LI-G Datasheet HTML 6Page - ON Semiconductor CAT24C512LI-G Datasheet HTML 7Page - ON Semiconductor CAT24C512LI-G Datasheet HTML 8Page - ON Semiconductor CAT24C512LI-G Datasheet HTML 9Page - ON Semiconductor CAT24C512LI-G Datasheet HTML 10Page - ON Semiconductor CAT24C512LI-G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT24C512
http://onsemi.com
7
WRITE OPERATIONS
Byte Write
In Byte Write mode the Master sends a START, followed
by Slave address, two byte address and data to be written
(Figure 6). The Slave acknowledges all 4 bytes, and the
Master then follows up with a STOP, which in turn starts the
internal Write operation (Figure 7). During internal Write,
the Slave will not acknowledge any Read or Write request
from the Master.
Page Write
The CAT24C512 contains 65,536 bytes of data, arranged
in 512 pages of 128 bytes each. A two byte address word,
following the Slave address, points to the first byte to be
written. The most significant 9 bits (A15 to A7) identify the
page and the last 7 bits identify the byte within the page. Up
to 128 bytes can be written in one Write cycle (Figure 8).
The internal byte address counter is automatically
incremented after each data byte is loaded. If the Master
transmits more than 128 data bytes, then earlier bytes will be
overwritten by later bytes in a ‘wrap−around’ fashion
(within the selected page). The internal Write cycle starts
immediately following the STOP.
During an internal Write operation, new data provided
by Byte Write or Page Write instructions will replace data
previously stored at the corresponding address locations,
while data stored at all other address locations within the
same page will be refreshed. Thus, whether writing one
byte or 128 bytes to a page, the entire page will be
reprogrammed with the corresponding combination of
new and old data.
Acknowledge Polling
Acknowledge polling can be used to determine if the
CAT24C512 is busy writing or is ready to accept commands.
Polling is implemented by interrogating the device with a
‘Selective Read’ command (see READ OPERATIONS).
The CAT24C512 will not acknowledge the Slave address,
as long as internal Write is in progress.
Hardware Write Protection
With the WP pin held HIGH, the entire memory is
protected against Write operations. If the WP pin is left
floating or is grounded, it has no impact on the operation of
the CAT24C512. The state of the WP pin is strobed on the
last falling edge of SCL immediately preceding the first data
byte (Figure 9). If the WP pin is HIGH during the strobe
interval, the CAT24C512 will not acknowledge the data byte
and the Write request will be rejected.
Delivery State
The CAT24C512 is shipped erased, i.e., all bytes are FFh.


Similar Part No. - CAT24C512LI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C512LI-G ONSEMI-CAT24C512LI-G Datasheet
194Kb / 16P
   512 kb I2C CMOS Serial EPROM
October, 2012 ??Rev. 4
CAT24C512LI-G ONSEMI-CAT24C512LI-G Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
More results

Similar Description - CAT24C512LI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24M01 ONSEMI-CAT24M01 Datasheet
178Kb / 14P
   1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
May, 2011 ??Rev. 1
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAV24C512 ONSEMI-CAV24C512 Datasheet
120Kb / 13P
   512 kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C512 ONSEMI-CAV24C512_18 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com